전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXL203WCEZB-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADXL203WCEZB-REEL
상세설명  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXL203WCEZB-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADXL203WCEZB-REEL Datasheet HTML 4Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 5Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 6Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 7Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 8Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 9Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 10Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 11Page - Analog Devices ADXL203WCEZB-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 8 of 16
0
45
20
25
30
35
40
15
10
5
SELF-TEST OUTPUT (V)
Figure 15. X-Axis Self-Test Response at 25°C
TEMPERATURE (°C)
0.50
0.80
0.75
0.70
0.65
0.60
0.55
0.85
0.90
Figure 16. Self-Test Response vs. Temperature
0
45
20
25
30
35
40
15
10
5
SELF-TEST OUTPUT (V)
Figure 17. Y-Axis Self-Test Response at 25°C
0
80
70
60
50
40
30
20
10
90
100
CURRENT (µA)
3V
5V
Figure 18. Supply Current at 25°C


유사한 부품 번호 - ADXL203WCEZB-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL203 AD-ADXL203 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203CE-REEL1 AD-ADXL203CE-REEL1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203CE1 AD-ADXL203CE1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
More results

유사한 설명 - ADXL203WCEZB-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com