전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7127KR140 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADV7127KR140
상세설명  CMOS, 240 MHz 10-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7127KR140 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADV7127KR140 Datasheet HTML 3Page - Analog Devices ADV7127KR140 Datasheet HTML 4Page - Analog Devices ADV7127KR140 Datasheet HTML 5Page - Analog Devices ADV7127KR140 Datasheet HTML 6Page - Analog Devices ADV7127KR140 Datasheet HTML 7Page - Analog Devices ADV7127KR140 Datasheet HTML 8Page - Analog Devices ADV7127KR140 Datasheet HTML 9Page - Analog Devices ADV7127KR140 Datasheet HTML 10Page - Analog Devices ADV7127KR140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADV7127
–7–
REV. 0
3.3 V TIMING SPECIFICATIONS1
Parameter
Min
Typ
Max
Units
Condition
ANALOG OUTPUTS
Analog Output Delay, t6
7.5
ns
Analog Output Rise/Fall Time, t7
4
1.0
ns
Analog Output Transition Time, t8
5
15
ns
Analog Output Skew, t9
6
12
ns
CLOCK CONTROL
fCLK
7
50
MHz
50 MHz Grade
fCLK
7
140
MHz
140 MHz Grade
fCLK
7
240
MHz
240 MHz Grade
Data and Control Setup, t2
6
1.5
ns
Data and Control Hold, t2
6
2.5
ns
Clock Pulsewidth High, t4
1.1
ns
fMAX = 240 MHz
Clock Pulsewidth Low t5
6
1.4
ns
fMAX = 240 MHz
Clock Pulsewidth High t4
6
2.85
ns
fMAX = 140 MHz
Clock Pulsewidth Low t5
6
2.85
ns
fMAX = 140 MHz
Clock Pulsewidth High t4
6
8.0
ns
fMAX = 50 MHz
Clock Pulsewidth Low t5
6
8.0
ns
fMAX = 50 MHz
Pipeline Delay, tPD
6
1.0
1.0
1.0
Clock Cycles
PSAVE Up Time, t10
6
410
ns
PDOWN Up Time, t11
8
320
ns
NOTES
1Timing specifications are measured with input levels of 3.0 V (V
IH) and 0 V (VIL) 0 for both 5 V and 3.3 V supplies.
2These maximum and minimum specifications are guaranteed over this range.
3Temperature range: T
MIN to TMAX: –40°C to +85 °C at 50 MHz and 140 MHz, 0 °C to +70°C at 240 MHz.
4Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5Measured from 50% point of full-scale transition to 2% of final value.
6Guaranteed by characterization.
7f
CLK max specification production tested at 125 MHz and 5 V limits specified here are guaranteed by characterization.
8This power-down feature is only available on the ADV7127 in the TSSOP package.
Specifications subject to change without notice.
CLOCK
DATA
t4
t5
t7
t8
NOTES:
1. OUTPUT DELAY (
t6) MEASURED FROM THE 50% POINT OF THE RISING
EDGE OF CLOCK TO THE 50% POINT OF FULL SCALE TRANSITION.
2. OUTPUT RISE/FALL TIME (
t7) MEASURED BETWEEN THE 10% AND
90% POINTS OF FULL SCALE TRANSITION.
3. TRANSITION TIME (
t8) MEASURED FROM THE 50% POINT OF FULL
SCALE TRANSITION TO WITHIN 2% OF THE FINAL OUTPUT VALUE.
t2
ANALOG OUTPUTS
(IOUT,
)
DIGITAL INPUTS
(D9–D0)
t3
t1
t6
IOUT
Figure 1. Timing Diagram
(VAA = +3.0 V–3.6 V
2, V
REF = 1.235 V, RSET = 560
. All specifications TMIN to TMAX
3 unless
otherwise noted, TJ MAX = 110 C)


유사한 부품 번호 - ADV7127KR140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7127KR140 AD-ADV7127KR140 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results

유사한 설명 - ADV7127KR140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com