전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7127KRU140 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADV7127KRU140
상세설명  CMOS, 240 MHz 10-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7127KRU140 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADV7127KRU140 Datasheet HTML 5Page - Analog Devices ADV7127KRU140 Datasheet HTML 6Page - Analog Devices ADV7127KRU140 Datasheet HTML 7Page - Analog Devices ADV7127KRU140 Datasheet HTML 8Page - Analog Devices ADV7127KRU140 Datasheet HTML 9Page - Analog Devices ADV7127KRU140 Datasheet HTML 10Page - Analog Devices ADV7127KRU140 Datasheet HTML 11Page - Analog Devices ADV7127KRU140 Datasheet HTML 12Page - Analog Devices ADV7127KRU140 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADV7127
–9–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
CLOCK
Clock Input (TTL Compatible). The rising edge of CLOCK latches the R0–R9, G0–G9, B0–B9,
SYNC and
BLANK pixel and control inputs. It is typically the pixel clock rate of the video system. CLOCK should be driven
by a dedicated TTL buffer.
D0–D9
Data Inputs (TTL Compatible). Data is latched on the rising edge of CLOCK. D0 is the least significant data bit.
Unused data inputs should be connected to either the regular PCB power or ground plane.
IOUT
Current Output. This high impedance current source is capable of directly driving a doubly terminated 75
coaxial cable.
RSET
Full-Scale Adjust Control. A resistor (RSET) connected between this pin and GND controls the magnitude of the
full-scale video signal. Note that the IRE relationships are maintained, regardless of the full-scale output current.
The relationship between RSET and the full-scale output current on IOUT is given by:
IOUT (mA) = 7968
× V
REF(V)/RSET(
Ω)
COMP
Compensation Pin. This is a compensation pin for the internal reference amplifier. A 0.1
µF ceramic capacitor
must be connected between COMP and VAA.
VREF
Voltage Reference Input. An external 1.23 V voltage reference must be connected to this pin. The use of an exter-
nal resistor divider network is not recommended. A 0.1
µF decoupling ceramic capacitor should be connected
between VREF and VAA.
VAA
Analog Power Supply (5 V
± 5%). All V
AA pins on the ADV7127 must be connected.
GND
Ground. All GND pins must be connected.
IOUT
Differential Current Output. Capable of directly driving a doubly terminated 75
Ω load. If not required, this out-
put should be tied to ground.
PSAVE
Power Save Control Pin. The part is put into standby mode when
PSAVE is low. The internal voltage reference
circuit is still active on the TSSOP in this case.
PDOWN
Power-Down Control Pin (24-Lead TSSOP Only). The ADV7127 completely powers down, including the voltage
reference circuit, when
PDOWN is low.
TERMINOLOGY
Color Video (RGB)
This usually refers to the technique of combining the three
primary colors of red, green and blue to produce color pictures
within the usual spectrum. In RGB monitors, three DACs are
required, one for each color.
Gray Scale
The discrete levels of video signal between reference black and
reference white levels. A 10-bit DAC contains 1024 different
levels, while an 8-bit DAC contains 256.
Raster Scan
The most basic method of sweeping a CRT one line at a time to
generate and display images.
Reference Black Level
The maximum negative polarity amplitude of the video signal.
Reference White Level
The maximum positive polarity amplitude of the video signal.
Video Signal
That portion of the composite video signal which varies in gray
scale levels between reference white and reference black. Also
referred to as the picture signal, this is the portion that may be
visually observed.


유사한 부품 번호 - ADV7127KRU140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7127KRU140 AD-ADV7127KRU140 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRU140 AD-ADV7127KRU140 Datasheet
375Kb / 18P
   10-Bit, High Speed Video DAC
More results

유사한 설명 - ADV7127KRU140

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com