전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32496EIUZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL32496EIUZ
상세설명  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32496EIUZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL32496EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
5
FN7786.2
March 16, 2012
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60V
A/Y, B/Z, A, B, Y, Z
(Transient Pulse Through 100
Ω, (Note 15 on page 9) . . . . . . . . . . . ±80V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . see “ESD PERFORMANCE” on page 6
Latch-up (Tested per JESD78, Level 2, Class A) . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld MSOP Package (Notes 4, 5) . . . . . . . .
140
40
8 Ld SOIC Package (Notes 4, 5) . . . . . . . . .
108
47
10 Ld MSOP Package (Note 4, 5). . . . . . . .
135
50
14 Ld SOIC Package (Notes 4, 5) . . . . . . . .
88
39
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range. . . . . . . . . . . . . . . . . . -25V to +25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS
DC CHARACTERISTICS
VOD1
Driver Differential VOUT
(No load)
Full
-
-
VCC
V
VOD2
Driver Differential VOUT
(Loaded, Figure 3A)
RL = 100Ω (RS-422)
Full
2.4
3.2
-
V
RL = 54Ω (RS-485)
Full
1.5
2.5
VCC
V
RL = 54Ω (PROFIBUS, VCC ≥ 5V)
Full
2.0
2.5
RL = 21Ω (Six 120Ω terminations for Star
Configurations, VCC ≥ 4.75V)
Full
0.8
1.3
-
V
ΔVOD
Change in Magnitude of Driver
Differential VOUT for
Complementary Output
States
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
VOD3
Driver Differential VOUT with
Common Mode Load
(Figure 3B)
RL = 60Ω, -7V ≤ VCM ≤ 12V
Full
1.5
2.1
VCC
V
RL = 60Ω, -25V ≤ VCM ≤ 25V (VCC ≥ 4.75V)
Full
1.7
2.3
RL = 21Ω, -15V ≤ VCM ≤ 15V (VCC ≥ 4.75V)
Full
0.8
1.1
-
V
VOC
Driver Common-Mode VOUT
(Figure 3)
RL = 54Ω or 100Ω
Full
-1
-
3
V
RL = 60Ω or 100Ω, -20V ≤ VCM ≤ 20V
Full
-2.5
-
5
V
ΔVOC
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output
States
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
IOSD
Driver Short-Circuit Current
DE = VCC, -25V ≤ VO ≤ 25V (Note 8)
Full
-250
-
250
mA
IOSD1
At First Fold-back, 22V ≤ VO ≤ -22V
Full
-83
83
mA
IOSD2
At Second Fold-back,
35V ≤ VO ≤ -35V
Full
-13
13
mA
VIH
Logic Input High Voltage
DE, DI, RE
Full
2.5
--
V


유사한 부품 번호 - ISL32496EIUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32496EIUZ RENESAS-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

유사한 설명 - ISL32496EIUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com