전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4957-T1 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SC4957-T1
상세설명  NPN EPITAXIAL SILICON RF TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4957-T1 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SC4957-T1 Datasheet HTML 1Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 2Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 3Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 4Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 5Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 6Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 7Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 8Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PU10520EJ01V0DS
2
2SC4957
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 10 mA
75
150
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 10 mA
12
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 10 mA, f = 2.0 GHz
9
11
dB
Noise Figure
NF
VCE = 3 V, IC = 3 mA, f = 2.0 GHz
1.5
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0 mA, f = 1.0 MHz
0.3
0.5
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
T83
Marking
T83
hFE Value
75 to 150


유사한 부품 번호 - 2SC4957-T1

제조업체부품명데이터시트상세설명
logo
NEC
2SC4957-T1 NEC-2SC4957-T1 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
California Eastern Labs
2SC4957-T1 CEL-2SC4957-T1 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results

유사한 설명 - 2SC4957-T1

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
   NPN SILICON EPITAXIAL RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357_15 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com