전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC124FR-07L 데이터시트(PDF) 3 Page - YAGEO Corporation

부품명 TC124FR-07L
상세설명  ARRAY CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC124FR-07L 데이터시트(HTML) 3 Page - YAGEO Corporation

  TC124FR-07L Datasheet HTML 1Page - YAGEO Corporation TC124FR-07L Datasheet HTML 2Page - YAGEO Corporation TC124FR-07L Datasheet HTML 3Page - YAGEO Corporation TC124FR-07L Datasheet HTML 4Page - YAGEO Corporation TC124FR-07L Datasheet HTML 5Page - YAGEO Corporation TC124FR-07L Datasheet HTML 6Page - YAGEO Corporation TC124FR-07L Datasheet HTML 7Page - YAGEO Corporation TC124FR-07L Datasheet HTML 8Page - YAGEO Corporation TC124FR-07L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
3
9
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
TC124 series is supplied and ordered by global part number only.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a ARV341 resistor, value 1,000 X with ±5%
tolerance, supplied in tape of 10,000 units per reel is: 235003311102 (L)
or YC124-JR-071K(L).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER / PE TAPE ON REEL (units) (2)
TYPE/
4×0402
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
10,000
40,000
ARV341 2350
±5%
1 to 1 MΩ
033 11xxx
033 13xxx
ARV342 2350
±1%
1 to 1 MΩ
023 2xxxx
023 8xxxx
Jumper
2350
-
0 Ω
033 91001
-


유사한 부품 번호 - TC124FR-07L

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
TC124-F-07470RL YAGEO-TC124-F-07470RL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-F-10470RL YAGEO-TC124-F-10470RL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-F-13470RL YAGEO-TC124-F-13470RL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-FR-0710KL YAGEO-TC124-FR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-FR-07470KL YAGEO-TC124-FR-07470KL Datasheet
332Kb / 9P
   ARRAY CHIP RESISTORS YC/TC 124 (8Pin/4R)
More results

유사한 설명 - TC124FR-07L

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com