전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM26C32QDR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 AM26C32QDR
상세설명  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32QDR 데이터시트(HTML) 3 Page - Texas Instruments

  AM26C32QDR Datasheet HTML 1Page - Texas Instruments AM26C32QDR Datasheet HTML 2Page - Texas Instruments AM26C32QDR Datasheet HTML 3Page - Texas Instruments AM26C32QDR Datasheet HTML 4Page - Texas Instruments AM26C32QDR Datasheet HTML 5Page - Texas Instruments AM26C32QDR Datasheet HTML 6Page - Texas Instruments AM26C32QDR Datasheet HTML 7Page - Texas Instruments AM26C32QDR Datasheet HTML 8Page - Texas Instruments AM26C32QDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
4Y
3Y
2Y
1Y
4B
4A
3B
3A
2B
2A
1B
1A
G
G
Pin numbers shown are for the D, J, N, NS, PW, and W packages.
4
12
2
1
6
7
10
9
14
15
3
5
11
13
schematics
Input
VCC
EQUIVALENT OF A OR B INPUT
TYPICAL OF ALL OUTPUTS
Output
VCC
VCC
1.7 k
NOM
GND
GND
1.7 k
NOM
17 k
NOM
288 k
NOM
VCC (A inputs)
or
GND (B inputs)
Input
GND
EQUIVALENT OF G OR G INPUT


유사한 부품 번호 - AM26C32QDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 36P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32QDR TI-AM26C32QDR Datasheet
1Mb / 37P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
More results

유사한 설명 - AM26C32QDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com