전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4049UBF3A 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4049UBF3A
상세설명  CMOS Hex Buffer/Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4049UBF3A 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD4049UBF3A Datasheet HTML 4Page - Texas Instruments CD4049UBF3A Datasheet HTML 5Page - Texas Instruments CD4049UBF3A Datasheet HTML 6Page - Texas Instruments CD4049UBF3A Datasheet HTML 7Page - Texas Instruments CD4049UBF3A Datasheet HTML 8Page - Texas Instruments CD4049UBF3A Datasheet HTML 9Page - Texas Instruments CD4049UBF3A Datasheet HTML 10Page - Texas Instruments CD4049UBF3A Datasheet HTML 11Page - Texas Instruments CD4049UBF3A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
FIGURE 17. DYNAMIC POWER DISSIPATION TEST CIRCUITS
Test Circuits (Continued)
I
VDD
500
µF
0.1
µF
CL
10kHz,
100kHz, 1MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CL INCLUDES FIXTURE CAPACITANCE
CD4049UB, CD4050B


유사한 부품 번호 - CD4049UBF3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4049UBF3A TI-CD4049UBF3A Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UBF3A TI1-CD4049UBF3A Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4049UBF3A TI-CD4049UBF3A Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBF3A TI1-CD4049UBF3A Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBF3AS2283 TI-CD4049UBF3AS2283 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

유사한 설명 - CD4049UBF3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com