전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1815T-H 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SD1815T-H
상세설명  High-Current Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815T-H 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SD1815T-H Datasheet HTML 1Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 4Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 5Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 6Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 7Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 8Page - Sanyo Semicon Device 2SD1815T-H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SB1215/2SD1815
No. 2539-3/10
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
2.0
1.6
1.2
0.8
0.4
12
4
35
0
0
ITR09234
2SD1815
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--1
--2
--4
--3
--5
ITR09233
2SB1215
IB=0
--2mA
--6mA
--12mA
--18mA
--20mA
--10mA
--8mA
--4mA
IB=0
2mA
4mA
6mA
8mA
10mA
14mA
16mA
18mA
20mA
12mA
--14mA
2SD1815
VCE=5V
100
--0.01
1000
5
3
2
5
10
3
2
5
5
--0.1
23
5
2
3
5
--1.0
23
5
--10
2SB1215
VCE= --5V
ITR09239
Ta=75
°C
25
°C
--25
°C
100
0.01
1000
5
10
3
2
7
5
3
2
7
7
5
5
0.1
10
23
5
2
3
5
23
5
1.0
ITR09240
Ta=75°C
25
°C
--25°C
1.0
0.8
0.6
0.4
0.2
10
20
40
30
50
0
0
ITR09236
2SD1815
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--30
--50
ITR09235
2SB1215
IB=0
--0.5mA
--1.5mA
--4.0mA
--3.5mA
--3.0mA
--2.5mA
--2.0mA
--1.0mA
IB=0
0.5mA
1.0mA
2.0mA
2.5mA
1.5mA
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR09237
2SB1215
VCE= --5V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR09238
2SD1815
VCE=5V


유사한 부품 번호 - 2SD1815T-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1815T-H ONSEMI-2SD1815T-H Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SD1815T-H ONSEMI-2SD1815T-H Datasheet
106Kb / 7P
   Bipolar Transistor
November, 2013
More results

유사한 설명 - 2SD1815T-H

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com