전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NDP6020P 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 NDP6020P
상세설명  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP6020P 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  NDP6020P Datasheet HTML 1Page - Fairchild Semiconductor NDP6020P Datasheet HTML 2Page - Fairchild Semiconductor NDP6020P Datasheet HTML 3Page - Fairchild Semiconductor NDP6020P Datasheet HTML 4Page - Fairchild Semiconductor NDP6020P Datasheet HTML 5Page - Fairchild Semiconductor NDP6020P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 1)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-0.4
-0.7
-1
V
T
J = 125°C
-0.3
-0.56
-0.7
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -4.5 V, ID = -12 A
0.041
0.05
T
J = 125°C
0.06
0.08
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -2.7 V, ID = -10 A
0.059
0.07
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -2.5 V, ID = -10 A
0.064
0.075
I
D(on)
On-State Drain Current
V
GS = -4.5 V, VDS = -5 V
-24
A
g
FS
Forward Transconductance
V
DS = -5 V, ID = -12 A
14
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
1590
pF
C
oss
Output Capacitance
725
pF
C
rss
Reverse Transfer Capacitance
215
pF
SWITCHING CHARACTERISTICS (Note 1)
t
D(on)
Turn - On Delay Time
V
DD = -20 V, ID = -3 A,
V
GS = -5 V, RGEN = 6
15
30
nS
t
r
Turn - On Rise Time
27
60
nS
t
D(off)
Turn - Off Delay Time
120
250
nS
t
f
Turn - Off Fall Time
70
150
nS
Q
g
Total Gate Charge
V
DS = -10 V,
I
D = -24 A, VGS = -5 V
25
35
nC
Q
gs
Gate-Source Charge
5
nC
Q
gd
Gate-Drain Charge
10
nC
NDP6020P Rev.C1


유사한 부품 번호 - NDP6020P

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
NDP6020P VBSEMI-NDP6020P Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
NDP6020P ISC-NDP6020P Datasheet
289Kb / 2P
   isc P-Channel MOSFET Transistor
More results

유사한 설명 - NDP6020P

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com