전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC11004 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74AC11004
상세설명  Flow-Through Architecture Optimizes PCB Layout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC11004 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AC11004 Datasheet HTML 1Page - Texas Instruments SN74AC11004 Datasheet HTML 2Page - Texas Instruments SN74AC11004 Datasheet HTML 3Page - Texas Instruments SN74AC11004 Datasheet HTML 4Page - Texas Instruments SN74AC11004 Datasheet HTML 5Page - Texas Instruments SN74AC11004 Datasheet HTML 6Page - Texas Instruments SN74AC11004 Datasheet HTML 7Page - Texas Instruments SN74AC11004 Datasheet HTML 8Page - Texas Instruments SN74AC11004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74AC11004
HEX INVERTER
SCAS033B − JANUARY 1988 − REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−4
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low level output current
VCC = 5.5 V
24
mA
Δt/Δv
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = −50 μA
4.5 V
4.4
4.4
IOH
50
μA
5.5 V
5.4
5.4
VOH
IOH = −4 mA
3 V
2.58
2.48
V
VOH
I
24
A
4.5 V
3.94
3.8
V
IOH = −24 mA
5.5 V
4.94
4.8
IOH = −75 mA
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 μA
4.5 V
0.1
0.1
IOL
50
μA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
I
24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
μA
Ci
VI = VCC or GND
5 V
3.5
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.


유사한 부품 번호 - SN74AC11004

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC11008D TI-SN74AC11008D Datasheet
644Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

유사한 설명 - SN74AC11004

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882HLB IDT-SSTE32882HLB Datasheet
1Mb / 73P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882KA1 IDT-SSTE32882KA1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Infineon Technologies A...
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
logo
Cypress Semiconductor
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Semtech Corporation
RCLAMP3624T SEMTECH-RCLAMP3624T Datasheet
144Kb / 9P
   ESD Protection for uUSB Interfaces Flow-Through design for easy layout
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com