전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA892-02VE6327 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 BA892-02VE6327
상세설명  For band switching in TV/VTR tuners and mobile applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892-02VE6327 데이터시트(HTML) 5 Page - Infineon Technologies AG

  BA892-02VE6327 Datasheet HTML 1Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 2Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 3Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 4Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 5Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 6Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 7Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 8Page - Infineon Technologies AG BA892-02VE6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2011-07-21
5
BA592/BA892...
Isolation
ISO = -|S21|2 = ƒ(f)
VR = Paramter
BA892-02L in series configuration, Z = 50
0
0.5
1
1.5
2
GHz
3
f
-30
-25
-20
-15
-10
dB
0
0 V
1 V
10 V
Insertion loss
IL = -|S21|2 = ƒ(f)
IF = Parameter
BA892-02L in series configuration, Z = 50
0
0.5
1
1.5
2
GHz
3
f
-0.4
-0.3
-0.2
dB
0
10 mA
3 mA
1 mA
0.1 mA


유사한 부품 번호 - BA892-02VE6327

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BA892-02V INFINEON-BA892-02V Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892-02V INFINEON-BA892-02V Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results

유사한 설명 - BA892-02VE6327

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BA592E6327 INFINEON-BA592E6327 Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
Siemens Semiconductor G...
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Sanyo Semicon Device
LA7520 SANYO-LA7520 Datasheet
65Kb / 2P
   VIFSIF Circuit for TV, VTR Applications
logo
Toshiba Semiconductor
TA8710S TOSHIBA-TA8710S Datasheet
196Kb / 6P
   SIF CONVERTER FOR TV AND VTR
logo
List of Unclassifed Man...
U891BS ETC-U891BS Datasheet
37Kb / 2P
   Prescaler for TV and VTR purposes
logo
Siemens Semiconductor G...
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com