전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP54-16 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BCP54-16
상세설명  NPN Silicon AF Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP54-16 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BCP54-16 Datasheet HTML 1Page - Infineon Technologies AG BCP54-16 Datasheet HTML 2Page - Infineon Technologies AG BCP54-16 Datasheet HTML 3Page - Infineon Technologies AG BCP54-16 Datasheet HTML 4Page - Infineon Technologies AG BCP54-16 Datasheet HTML 5Page - Infineon Technologies AG BCP54-16 Datasheet HTML 6Page - Infineon Technologies AG BCP54-16 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2011-10-13
2
BCP54...-BCP56...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BCP54
BCP55
BCP56
VCEO
45
60
80
V
Collector-base voltage
BCP54
BCP55
BCP56
VCBO
45
60
100
Emitter-base voltage
VEBO
5
Collector current
IC
1
A
Peak collector current, tp ≤ 10 ms
ICM
1.5
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation-
TS ≤ 120°C
Ptot
2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 15
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


유사한 부품 번호 - BCP54-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP54-16 PHILIPS-BCP54-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54-16 SIEMENS-BCP54-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP54-16 NXP-BCP54-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

유사한 설명 - BCP54-16

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com