전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F133 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 74F133
상세설명  13-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

74F133 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  74F133 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 2Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 3Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 4Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 5Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 6Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 7Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F133
13-input NAND gate
2
July 2, 1993
853–1154 10219
FEATURE
Industrial temperature range available (–40°C to +85°C)
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F133
4.0ns
2.0mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
D6
VCC
D9
D8
D7
D10
D12
D11
D0
D1
D5
D2
D3
D4
9
8
GND
Q
SF00099
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
16-pin plastic DIP
N74F133N
I74F133N
SOT38-4
16-pin plastic SO
N74F133D
I74F133D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
D0–D12
Data inputs
1.0/1.0
20
µA/0.6mA
Q
Data output
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
Q
9
VCC = Pin 16
GND = Pin 8
SF00100
1
2
3
4
5
6
7
10
11
12
13
14
15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
IEC/IEEE SYMBOL
9
SF00101
1
2
3
4
5
6
7
10
11
12
13
14
15
&


유사한 부품 번호 - 74F133

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
Nexperia B.V. All right...
74F133 NEXPERIA-74F133 Datasheet
198Kb / 9P
   13-input NAND gate
July 2, 1993
More results

유사한 설명 - 74F133

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
   13-input NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
NXP Semiconductors
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
   13-input NAND gate
September 1993
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8