전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4746-TP 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 DL4746-TP
상세설명  1 Watt Zener Diode 3.3 to 75 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4746-TP 데이터시트(HTML) 1 Page - Micro Commercial Components

  DL4746-TP Datasheet HTML 1Page - Micro Commercial Components DL4746-TP Datasheet HTML 2Page - Micro Commercial Components DL4746-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4728
THRU
DL476
1
1 Watt
Zener Diode
3.3
to
75 Volts
Features
High Reliability
Very Sharp Reverse Characteristic
Low Reverse Current Level
Maximum Ratings
Operating Temperature: -65
to +175
Storage Temperature: -65
to +175
1 Watt DC Power Dissipation
Maximum Thermal Resistance: 100K/W Junction To Ambient
Test Conditions: I = 9.5mm(3/8”),TL = constant
Maximum Forward Voltage @ 200mA: 1.2 Volts
Figure 2 - Derating Curve
Power Dissipation (W) - Versus - Temperature
Temperature
25
100
150
200
W
0.5
1.0
Typical Temperature Coefficient (mV/
) – versus – Zener Voltage (VZ)
Figure 1 - Typical Temperature Coefficient
0
20
40
0
20
40
mV/
VZ
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
GLASS MELF
SUGGESTED SOLDER
PAD LAYOUT
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
A
B
C
Cathode Mark
.210”
.035”
.115”
Revision:
B
20
11/09/06
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
Lead in Glass Exemption Applied, see EU Directive Annex Notes 5.
Moisture Sensitivity Level 1


유사한 부품 번호 - DL4746-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DL4746 MCC-DL4746 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
logo
Galaxy Semi-Conductor H...
DL4746 BILIN-DL4746 Datasheet
195Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
DL4746 LUGUANG-DL4746 Datasheet
192Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
DL4746 MCC-DL4746 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4746 MCC-DL4746 Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
More results

유사한 설명 - DL4746-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com