전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2343DS 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI2343DS
상세설명  P-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2343DS 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI2343DS Datasheet HTML 1Page - Vishay Siliconix SI2343DS Datasheet HTML 2Page - Vishay Siliconix SI2343DS Datasheet HTML 3Page - Vishay Siliconix SI2343DS Datasheet HTML 4Page - Vishay Siliconix SI2343DS Datasheet HTML 5Page - Vishay Siliconix SI2343DS Datasheet HTML 6Page - Vishay Siliconix SI2343DS Datasheet HTML 7Page - Vishay Siliconix SI2343DS Datasheet HTML 8Page - Vishay Siliconix SI2343DS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si2343DS
Document Number: 72079
S09-0133-Rev. B, 02-Feb-09
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch
PA Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 30
0.053 at VGS = - 10 V
- 4.0
0.086 at VGS = - 4.5 V
- 3.1
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2343DS (F3)*
* Marking Code
Ordering Information: Si2343DS-T1
Si2343DS-T1-E3 (Lead (Pb)-free)
Si2343DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 4.0
- 3.1
A
TA = 70 °C
- 3.2
- 2.5
Pulsed Drain Current
IDM
- 15
Continuous Source Current (Diode Conduction)a, b
IS
- 1.0
- 0.6
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
0.75
W
TA = 70 °C
0.8
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


유사한 부품 번호 - SI2343DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2343DS VISHAY-SI2343DS Datasheet
42Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 25-Nov-02
logo
Guangdong Kexin Industr...
SI2343DS KEXIN-SI2343DS Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2343DS VISHAY-SI2343DS Datasheet
202Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2343DS VISHAY-SI2343DS Datasheet
164Kb / 8P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2343DS-3 KEXIN-SI2343DS-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

유사한 설명 - SI2343DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com