전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25512VI-GT3 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 CAT25512VI-GT3
상세설명  512-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25512VI-GT3 데이터시트(HTML) 4 Page - ON Semiconductor

  CAT25512VI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT25512
http://onsemi.com
4
Pin Description
SI: The serial data input pin accepts op−codes, addresses
and data. In SPI modes (0,0) and (1,1) input data is latched
on the rising edge of the SCK clock input.
SO: The serial data output pin is used to transfer data out of
the device. In SPI modes (0,0) and (1,1) data is shifted out
on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock provided
by the host and used for synchronizing communication
between host and CAT25512.
CS: The chip select input pin is used to enable/disable the
CAT25512. When CS is high, the SO output is tri−stated (high
impedance) and the device is in Standby Mode (unless an
internal write operation is in progress). Every communication
session between host and CAT25512 must be preceded by a
high to low transition and concluded with a low to high
transition of the CS input.
WP: The write protect input pin will allow all write
operations to the device when held high. When WP pin is
tied low and the WPEN bit in the Status Register (refer to
Status Register description, later in this Data Sheet) is set to
“1”, writing to the Status Register is disabled.
HOLD: The HOLD input pin is used to pause transmission
between host and CAT25512, without having to retransmit
the entire sequence at a later time. To pause, HOLD must be
taken low and to resume it must be taken back high, with the
SCK input low during both transitions. When not used for
pausing, it is recommended the HOLD input to be tied to
VCC, either directly or through a resistor.
Functional Description
The CAT25512 device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8−bit instruction register. The instruction
set and associated op−codes are listed in Table 7.
Reading data stored in the CAT25512 is accomplished by
simply providing the READ command and an address.
Writing to the CAT25512, in addition to a WRITE
command, address and data, also requires enabling the
device for writing by first setting certain bits in a Status
Register, as will be explained later.
After a high to low transition on the CS input pin, the
CAT25512 will accept any one of the six instruction
op−codes listed in Table 7 and will ignore all other possible
8−bit combinations. The communication protocol follows
the timing from Figure 2.
The CAT25512 features an additional Identification Page
(128 bytes) which can be accessed for Read and Write
operations when the IPL bit from the Status Register is set
to “1”. The user can also choose to make the Identification
Page permanent write protected.
Table 7. INSTRUCTION SET
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
Figure 2. Synchronous Data Timing
CS
SCK
SI
SO
tCNH
tCSS
tWH
tWL
tSU
tH
HI−Z
VALID
IN
VALID
OUT
tCSH
tRI
tFI
tV
tV
tHO
tCNS
tCS
HI−Z
tDIS


유사한 부품 번호 - CAT25512VI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT25512VI-GT3L ONSEMI-CAT25512VI-GT3L Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
More results

유사한 설명 - CAT25512VI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAT25512YI-GT3 ONSEMI-CAT25512YI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com