전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1-1337604-0 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 1-1337604-0
상세설명  SMB SURFACE MOUNT STRAIGHT PCB SOCKET 50 OHM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1337604-0 데이터시트(HTML) 1 Page - Tyco Electronics

  1-1337604-0 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1-1337604-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1337652-0 MACOM-1-1337652-0 Datasheet
88Kb / 1P
   UHF STRAIGHT JACK SOLDER
More results

유사한 설명 - 1-1337604-0

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
73404-3020 MOLEX11-73404-3020 Datasheet
38Kb / 1P
   50 Ohms, SMB Jack, Straight PCB
73406-6360 MOLEX11-73406-6360 Datasheet
32Kb / 1P
   50 Ohms, SMB Jack, Straight PCB
0734043020 MOLEX11-0734043020 Datasheet
34Kb / 1P
   50 Ohms, SMB Jack, Straight PCB
0734043020 MOLEX-0734043020_V01 Datasheet
35Kb / 1P
   50 Ohms, SMB Jack, Straight PCB
logo
Linx Technologies
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
   SMB Jack PCB Surface-Mount Connector
2020
logo
Huber+Suhner, Inc.
11_SMB-50-2-40111_N HUBERSUHNER-11_SMB-50-2-40111_N Datasheet
154Kb / 2P
   COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-11111_N HUBERSUHNER-11_SMB-50-2-11111_N Datasheet
356Kb / 2P
   COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-40111_NH-1 HUBERSUHNER-11_SMB-50-2-40111_NH-1 Datasheet
154Kb / 2P
   COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-41111_N HUBERSUHNER-11_SMB-50-2-41111_N Datasheet
155Kb / 2P
   COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-1-40111_N HUBERSUHNER-11_SMB-50-1-40111_N Datasheet
155Kb / 2P
   COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com