전자부품 데이터시트 검색엔진 |
|
MC79L12ABPRA 데이터시트(PDF) 1 Page - ON Semiconductor |
|
MC79L12ABPRA 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 11 page © Semiconductor Components Industries, LLC, 2008 May, 2008 − Rev. 9 1 Publication Order Number: MC79L00/D MC79L00A Series 100 mA Negative Voltage Regulators The MC79L00A Series negative voltage regulators are inexpensive, easy−to−use devices suitable for numerous applications requiring up to 100 mA. Like the higher powered MC7900 Series negative regulators, this series features thermal shutdown and current limiting, making them remarkably rugged. In most applications, no external components are required for operation. The MC79L00A devices are useful for on−card regulation or any other application where a regulated negative voltage at a modest current level is needed. These regulators offer substantial advantage over the common resistor/Zener diode approach. Features • No External Components Required • Internal Short Circuit Current Limiting • Internal Thermal Overload Protection • Low Cost • Complementary Positive Regulators Offered (MC78L00 Series) • Pb−Free Packages are Available *Automotive temperature range selections are available with special test conditions and additional tests in 5, 12 and 15 V devices. Contact your local ON Semiconductor sales office for information. R1 R2 Z1 R3 R 5 R18 Q1 R6 Q4 R7 R4 R8 Q5 Q10 Q8 R9 Q14 Q9 C Q6 R10 R11 Q7 Q2 Q11 R14 R15 Q13 Q12 R16 R17 GND Output Input Figure 1. Representative Schematic Diagram http://onsemi.com THREE−TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS TO−92 P SUFFIX CASE 29 SOIC−8 D SUFFIX CASE 751 MARKING DIAGRAMS See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ORDERING INFORMATION Pin 1. Ground 2. Input 3. Output Pin 1. Vout 2. Vin 3. Vin 4. NC 5. GND 6. Vin 7. Vin 8. NC xxx = Specific Device Code A = Assembly Location L = Wafer Lot Y = Year W, WW = Work Week y = B or C G = Pb−Free Package MC79L xxxxx ALYWWG G 1 8 (Note: Microdot may be in either location) 9Lxxx ALYWx G 1 8 1 2 3 1 2 BENT LEAD TAPE & REEL AMMO PACK STRAIGHT LEAD BULK PACK 3 |
유사한 부품 번호 - MC79L12ABPRA |
|
유사한 설명 - MC79L12ABPRA |