전자부품 데이터시트 검색엔진 |
|
BD2061AFJ 데이터시트(PDF) 3 Page - Rohm |
|
BD2061AFJ 데이터시트(HTML) 3 Page - Rohm |
3 / 25 page 3/22 BD2061AFJ BD2065AFJ Datasheet www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 TSZ02201-0E3E0H300150-1-2 11.Mar.2013 Rev.001 ●Absolute Maximum Ratings Parameter Symbol Ratings Unit Supply voltage VIN -0.3 to 6.0 V Enable voltage VEN, V/EN -0.3 to 6.0 V /OC voltage V/OC -0.3 to 6.0 V /OC current IS/OC 10 A OUT voltage VOUT -0.3 to 6.0 V Storage temperature TSTG -55 to 150 ℃ Power dissipation PD 560 *1 mW *1 In case Ta = 25℃ is exceeded, 4.48mW should be reduced per 1℃. ●Recommended Operating Range Parameter Symbol Ratings Unit Operating voltage VIN 2.7 to 5.5 V Operating temperature TOPR -40 to 85 ℃ Continuous output current ILO 0 to 1.0 A ●Electrical Characteristics ◎BD2061AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25℃) Parameter Symbol Limits Unit Condition Min. Typ. Max. Operating Current IDD - 90 120 μA V/EN = 0V, OUT = OPEN Standby Current ISTB - 0.01 1 μA V/EN = 5V, OUT = OPEN /EN input voltage V/EN 2.0 - - V High input V/EN - - 0.8 V Low input - - 0.4 V Low input 2.7V ≤ VIN ≤4.5V /EN input current I/EN -1.0 0.01 1.0 μA V/EN = 0V or V/EN = 5V /OC output LOW voltage V/OC - - 0.5 V I/OC = 5mA /OC output leak current IL/OC - 0.01 1 μA V/OC = 5V /OC delay time TD/OC - 2.5 8 ms ON resistance RON - 80 100 m Ω IOUT = 1.0A Over-current Threshold ITH 1.1 1.5 2.3 A Output current at short ISC 1.1 1.5 1.9 A VIN = 5V, VOUT = 0V, CL = 100 μF (RMS) Output rise time TON1 - 1.2 10 ms RL = 10 Ω , CL = OPEN Output turn on time TON2 - 1.5 20 ms Output fall time TOFF1 - 1 20 μs Output turn off time TOFF2 - 3 40 μs UVLO threshold VTUVH 2.1 2.3 2.5 V Increasing VIN VTUVL 2.0 2.2 2.4 V Decreasing VIN |
유사한 부품 번호 - BD2061AFJ_13 |
|
유사한 설명 - BD2061AFJ_13 |