전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87224-0 데이터시트(PDF) 25 Page - Tyco Electronics

부품명 4-87224-0
상세설명  AMPMODU .025 [0.64] Square Interconnection System
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87224-0 데이터시트(HTML) 25 Page - Tyco Electronics

Back Button 4-87224-0 Datasheet HTML 21Page - Tyco Electronics 4-87224-0 Datasheet HTML 22Page - Tyco Electronics 4-87224-0 Datasheet HTML 23Page - Tyco Electronics 4-87224-0 Datasheet HTML 24Page - Tyco Electronics 4-87224-0 Datasheet HTML 25Page - Tyco Electronics 4-87224-0 Datasheet HTML 26Page - Tyco Electronics 4-87224-0 Datasheet HTML 27Page - Tyco Electronics 4-87224-0 Datasheet HTML 28Page - Tyco Electronics 4-87224-0 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
109
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
PageHead_12_HelvCdBd (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Breakaway Surface Mount Headers—Unshrouded
Single-Row, .100 [2.54] Centerline
.025 [0.64] Square
Straight Post
Material and Finish
Housing — Black thermoplastic, 94V-0
rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating B — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel entire post
Related Product Data
Mateable Receptacle —
Refer to Mating Post Selection
Guide — page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C = .230 [5.84]
C = .320 [8.13]
No. of
D = .185 [4.70]
D = .200 [5.08]
Pos.
Dimensions
Post Plating/Part Nos.
Post Plating/Part Nos.
AB
Plating A
Plating B
Plating A
Plating B
3
.284 [7.21]
.200 [5.08]
5-146128-1
5-146132-1
5-146129-1
5-146133-1
4
.384 [9.75]
.300 [7.62]
5-146128-2
5-146132-2
5-146129-2
5-146133-2
5
.484 [12.29]
.400 [10.16]
5-146128-3
5-146132-3
5-146129-3
5-146133-3
6
.584 [14.83]
.500 [12.70]
5-146128-4
5-146132-4
5-146129-4
5-146133-4
7
.684 [17.37]
.600 [15.24]
5-146128-5
5-146132-5
5-146129-5
5-146133-5
8
.784 [19.91]
.700 [17.78]
5-146128-6
5-146132-6
5-146129-6
5-146133-6
9
.884 [22.45]
.800 [20.32]
5-146128-7
5-146132-7
5-146129-7
5-146133-7
10
.984 [24.99]
.900 [22.86]
5-146128-8
5-146132-8
5-146129-8
5-146133-8
11
1.084 [27.53]
1.000 [25.40]
5-146128-9
5-146132-9
5-146129-9
5-146133-9
12
1.184 [30.07]
1.100 [27.94]
6-146128-0
6-146132-0
6-146129-0
6-146133-0
13
1.284 [32.61]
1.200 [30.48]
6-146128-1
6-146132-1
6-146129-1
6-146133-1
14
1.384 [35.15]
1.300 [33.02]
6-146128-2
6-146132-2
6-146129-2
6-146133-2
15
1.484 [37.69]
1.400 [35.56]
6-146128-3
6-146132-3
6-146129-3
6-146133-3
A
C
D Ref.
(Contact Area)
B
.092
[2.34]
.042
[1.07]
Typ.
.025
[0.63]
.105
[2.67]
.245
[6.22]
.050±.003
[1.27±0.08]
.090
[2.29]
.063
[1.60]
.050
[1.27]
.192
[4.88]
.100
[2.54]
Typ.
.100
[2.54]
Typ.
Recommended Etched Circuit Layout
(Using .008 [0.20] thick stencil)
.140±.003
[3.56±0.08]


유사한 부품 번호 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com