전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N29M 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 4N29M
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N29M 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 4N29M Datasheet HTML 2Page - Fairchild Semiconductor 4N29M Datasheet HTML 3Page - Fairchild Semiconductor 4N29M Datasheet HTML 4Page - Fairchild Semiconductor 4N29M Datasheet HTML 5Page - Fairchild Semiconductor 4N29M Datasheet HTML 6Page - Fairchild Semiconductor 4N29M Datasheet HTML 7Page - Fairchild Semiconductor 4N29M Datasheet HTML 8Page - Fairchild Semiconductor 4N29M Datasheet HTML 9Page - Fairchild Semiconductor 4N29M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
7
Package Dimensions
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
7.62 (Typ.)
15° (Typ.)
0.20–0.30
0.20–0.30
10.16–10.80
Through Hole
0.4" Lead Spacing
Surface Mount
Rcommended Pad Layout
(1.78)
(2.54)
(1.52)
(7.49)
(10.54)
(0.76)
8.13–8.89
Note:
All dimensions in mm.
6.10–6.60
8.43–9.90
Pin 1
64
13
0.25–0.36
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
0.38 (Min.)
3.28–3.53
5.08
(Max.)
0.20–0.30
0.16–0.88
(8.13)


유사한 부품 번호 - 4N29M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
More results

유사한 설명 - 4N29M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com