전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD580JH 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD580JH
상세설명  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD580JH 데이터시트(HTML) 4 Page - Analog Devices

  AD580JH Datasheet HTML 1Page - Analog Devices AD580JH Datasheet HTML 2Page - Analog Devices AD580JH Datasheet HTML 3Page - Analog Devices AD580JH Datasheet HTML 4Page - Analog Devices AD580JH Datasheet HTML 5Page - Analog Devices AD580JH Datasheet HTML 6Page - Analog Devices AD580JH Datasheet HTML 7Page - Analog Devices AD580JH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD580
Rev. B | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Input Voltage
40 V
Power Dissipation @ 25°C
Ambient Temperature
350 mW
Derate above 25°C
2.8 mW/°C
Lead Temperature (Soldering
10 sec)
300°C
Thermal Resistance
Junction-to-Case
100°C
Junction-to-Ambient
360°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AD580 CHIP DIMENSIONS AND PAD LAYOUT
Dimensions shown in inches and (millimeters).
*BOTH EOUT PADS MUST BE CONNECTED TO THE OUTPUT.
0.075 (1.90)
EOUT*
–E
+E
0.046
(1.16)
Figure 2.
The AD580 is also available in chip form. Consult the factory
for specifications and applications information.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - AD580JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD580JH AD-AD580JH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580JH AD-AD580JH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

유사한 설명 - AD580JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com