전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8058 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8058
상세설명  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8058 데이터시트(HTML) 5 Page - Analog Devices

  AD8058 Datasheet HTML 1Page - Analog Devices AD8058 Datasheet HTML 2Page - Analog Devices AD8058 Datasheet HTML 3Page - Analog Devices AD8058 Datasheet HTML 4Page - Analog Devices AD8058 Datasheet HTML 5Page - Analog Devices AD8058 Datasheet HTML 6Page - Analog Devices AD8058 Datasheet HTML 7Page - Analog Devices AD8058 Datasheet HTML 8Page - Analog Devices AD8058 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD8057/AD8058
Data Sheet
Rev. D | Page 4 of 16
@ TA = 25°C, VS = 5 V, RL = 100 Ω, RF = 0 Ω, gain = +1, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p
300
MHz
G = +1, VO = 2 V p-p
155
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
28
MHz
Slew Rate
G = +1, VO = 2 V step, RL = 2 kΩ
700
V/µs
Settling Time to 0.1%
G = +2, VO = 2 V step
35
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 kΩ
–75
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ
–54
dBc
Crosstalk, Output to Output
f = 5 MHz, G = +2
−60
dB
Input Voltage Noise
f = 100 kHz
7
nV/√Hz
Input Current Noise
f = 100 kHz
0.7
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.05
%
NTSC, G = +2, RL = 1 kΩ
0.05
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.10
Degrees
NTSC, G = +2, RL = 1 kΩ
0.02
Degrees
DC PERFORMANCE
Input Offset Voltage
1
5
mV
TMIN to TMAX
2.5
mV
Input Offset Voltage Drift
3
μV/°C
Input Bias Current
0.5
2.5
µA
TMIN to TMAX
3.0
µA
Input Offset Current
0.75
µA
Open-Loop Gain
VO = ±1.5 V, RL = 2 kΩ to midsupply
50
55
dB
VO = ±1.5 V, RL = 150 Ω to midsupply
45
52
dB
INPUT CHARACTERISTICS
Input Resistance
10
MΩ
Input Capacitance
+Input
2
pF
Input Common-Mode Voltage Range
RL = 1 kΩ
0.9 to 3.4
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
48
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 2 kΩ
0.9 to 3.8
V
RL = 150 Ω
1.2 to 3.4
V
Capacitive Load Drive
30% overshoot
30
pF
POWER SUPPLY
Operating Range
3
5.0
10
V
Quiescent Current for AD8057
5.4
7.0
mA
Quiescent Current for AD8058
13.5
14
mA
Power Supply Rejection Ratio
54
58
dB


유사한 부품 번호 - AD8058

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8058 AD-AD8058 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8058 AD-AD8058 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8058 AD-AD8058 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD8058 AD-AD8058 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

유사한 설명 - AD8058

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com