전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7940BRJZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7940BRJZ-REEL7
상세설명  3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7940BRJZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7940BRJZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7940
Rev. A | Page 8 of 20
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a point 1/2
LSB below the first code transition, and full scale, a point 1/2
LSB above the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (i.e., VREF − 1 LSB) after the offset
error has been adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of conversion. The track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±1 LSB, after the end of the conversion.
See the Serial Interface section for more details.
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2, excluding dc). The ratio
depends on the number of quantization levels in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical signal-to-(noise + distortion) ratio for an ideal N-bit
converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, for a 14-bit converter, this is 86.04 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7940, it is defined as
1
2
6
2
5
2
4
2
3
2
2
V
V
V
V
V
V
log
20
(dB)
+
+
+
+
=
THD
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2, excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it will
be a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa ± nfb where m,
n = 0, 1, 2, 3. Intermodulation distortion terms are those for
which neither m nor n are equal to zero. For example, the second-
order terms include (fa + fb) and (fa − fb), while the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa −2fb).
The AD7940 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, while the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamentals expressed in dBs.


유사한 부품 번호 - AD7940BRJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7940BRJZ-REEL7 AD-AD7940BRJZ-REEL7 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
More results

유사한 설명 - AD7940BRJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com