전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7509PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7509PBF
상세설명  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7509PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7509PBF Datasheet HTML 1Page - International Rectifier IRF7509PBF Datasheet HTML 2Page - International Rectifier IRF7509PBF Datasheet HTML 3Page - International Rectifier IRF7509PBF Datasheet HTML 4Page - International Rectifier IRF7509PBF Datasheet HTML 5Page - International Rectifier IRF7509PBF Datasheet HTML 6Page - International Rectifier IRF7509PBF Datasheet HTML 7Page - International Rectifier IRF7509PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7509PbF
PD - 95397
l Generation V Technology
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
l Lead-Free
HEXFET® Power MOSFET
N-Ch P-Ch
VDSS
30V -30V
RDS(on) 0.11Ω 0.20Ω
6/15/04
Micro8
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon
area. This benefit, combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The new Micro8 package, with half the footprint area of the standard SO-8,
provides the smallest footprint available in an SOIC outline. This makes the
Micro8 an ideal device for applications where printed circuit board space is at
a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into
extremely thin application environments such as portable electronics and
PCMCIA cards.
Description
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
N-CHANNEL MOSFET
P-CHANNEL MOSFET
www.irf.com
1
Parameter
Max.
Units
N-Channel
P-Channel
VDS
Drain-Source Voltage
30
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS
2.7
-2.0
ID @ TA = 70°C
Continuous Drain Current, VGS
2.1
-1.6
A
IDM
Pulsed Drain Current

21
-16
PD @TA = 25°C
Maximum Power Dissipation
„
1.25
W
PD @TA = 70°C
Maximum Power Dissipation
„
0.8
W
Linear Derating Factor
10
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µS
30
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Soldering Temperature, for 10 seconds
240 (1.6mm from case)
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
100
°C/W
Absolute Maximum Ratings


유사한 부품 번호 - IRF7509PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7509PBF IRF-IRF7509PBF Datasheet
241Kb / 8P
   HEXFET짰Power MOSFET
IRF7509PBF IRF-IRF7509PBF Datasheet
247Kb / 8P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
IRF7509PBF INFINEON-IRF7509PBF Datasheet
247Kb / 8P
   Generation V Technology
6/15/04
logo
International Rectifier
IRF7509PBF-1 IRF-IRF7509PBF-1 Datasheet
243Kb / 8P
   Industry-standard pinout Micro-8 Package
IRF7509PBF-1 IRF-IRF7509PBF-1_15 Datasheet
243Kb / 8P
   Industry-standard pinout Micro-8 Package
More results

유사한 설명 - IRF7509PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com