전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD725ARZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD725ARZ
상세설명  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD725ARZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD725ARZ Datasheet HTML 3Page - Analog Devices AD725ARZ Datasheet HTML 4Page - Analog Devices AD725ARZ Datasheet HTML 5Page - Analog Devices AD725ARZ Datasheet HTML 6Page - Analog Devices AD725ARZ Datasheet HTML 7Page - Analog Devices AD725ARZ Datasheet HTML 8Page - Analog Devices AD725ARZ Datasheet HTML 9Page - Analog Devices AD725ARZ Datasheet HTML 10Page - Analog Devices AD725ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD725
REV. 0
–7–
060
10
20
30
40
50
APL = 48.2%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.63 s
100
50
0
–50
1.0
0.5
–0.5
0.0
s
0.5MHz
1MHz
2MHz
3MHz
4MHz
5MHz
Figure 11. Multiburst, NTSC
9.35 s
5.57 s
4.80 s
38.0 IRE
36.1 IRE
H TIMING MEASUREMENT RS–170A (NTSC)
FIELD = 1 LINE = 22
AVERAGE
256
89ns
85ns
9.0
CYCLES
Figure 12. Horizontal Timing, NTSC
1ST
2ND
3RD
4TH
5TH
6TH
0.00
0.07
–0.05
0.20
0.22
0.39
0.00
–0.33
0.10
0.70
1.05
1.17
DG DP (NTSC)
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.05
MAX = 0.39
MIN = –0.33
MAX = 1.17
pk–pk = 1.50
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
Wfm —
> MOD 5 STEP
pk–pk/MAX = 0.44
Figure 13. Composite Output Differential Phase
and Gain, NTSC
060
10
20
30
40
50
APL = 48.2%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
100
50
0
–50
1.0
0.5
–0.5
0.0
s
1MHz
2MHz
3MHz
4MHz
5MHz
6MHz
Figure 14. Multiburst, PAL
5.67 s
AVERAGE
256
89ns
70ns
2.29 s
4.90 s
287.7mV
273.4mV
H TIMING (PAL)
LINE = 25
Figure 15. Horizontal Timing, PAL
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.06
0.15
0.23
0.43
0.38
0.00
–0.44
–0.02
0.70
1.17
1.34
DG DP (PAL)
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.06
MAX = 0.43
pk–pk = 0.49
MIN = –0.44
MAX = 1.34
pk–pk = 1.79
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
Wfm —
> MOD 5 STEP
Figure 16. Composite Output Differential Phase
and Gain, PAL


유사한 부품 번호 - AD725ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
More results

유사한 설명 - AD725ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD725 AD-AD725 Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725 AD-AD725_15 Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com