전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5300BRT-500RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5300BRT-500RL7
상세설명  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5300BRT-500RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5300BRT-500RL7 Datasheet HTML 5Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 6Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 7Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 8Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 9Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 10Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 11Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 12Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD5300
–10–
REV.
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
AD5300*
SCLK
MICROWIRE*
SK
SO
CS
Figure 28. AD5300 to MICROWIRE Interface
APPLICATIONS
Using REF19x as a Power Supply for AD5300
Because the supply current required by the AD5300 is extremely
low, an alternative option is to use a REF19x voltage reference
(REF195 for 5 V or REF193 for 3 V) to supply the required
voltage to the part—see Figure 29. This is especially useful if
your power supply is quite noisy or if the system supply voltages
are at some value other than 5 V or 3 V (e.g., 15 V). The REF19x
will output a steady supply voltage for the AD5300. If the low
dropout REF195 is used, the current it needs to supply to the
AD5300 is 140
µA. This is with no load on the output of the
DAC. When the DAC output is loaded, the REF195 also needs to
supply the current to the load. The total current required (with
a 5 k
Ω load on the DAC output) is
140
µA + (5 V/5 kΩ) = 1.14 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in an error of 2.3 ppm (11.5
µV) for the 1.14 mA
current drawn from it. This corresponds to a 0.0006 LSB error.
AD5300
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
140 A
VOUT = 0V TO 5V
REF195
Figure 29. REF195 as Power Supply to AD5300
Bipolar Operation Using the AD5300
The AD5300 has been designed for single-supply operation,
but a bipolar output range is also possible using the circuit in
Figure 30. The circuit in Figure 30 will give an output voltage
range of
±5 V. Rail-to-rail operation at the amplifier output is
achievable using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
VV
DR
R
R
V
R
R
ODD
DD


×
+


×


256
12
1
2
1
where D represents the input code in decimal (0 to 255).
With VDD = 5 V, R1 = R2 = 10 k
Ω,
V
O
=
10
× D
256


–5 V
This is an output voltage range of
±5 V with 00 Hex corresponding
to a –5 V output and FF Hex corresponding to a 5 V output.
AD5300 to 68HC11/68L11 Interface
Figure 26 shows a serial interface between the AD5300 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5300, while the MOSI output drives
the serial data line of the DAC. The
SYNC signal is derived
from a port line (PC7). The setup conditions for correct opera-
tion of this interface are as follows: the 68HC11/68L11 should
be configured so that its CPOL bit is a 0 and its CPHA bit is a
1. When data is being transmitted to the DAC, the
SYNC line is
taken low (PC7). When the 68HC11/68L11 is configured as
above, data appearing on the MOSI output is valid on the falling
edge of SCK. Serial data from the 68HC11/68L11 is transmit-
ted in 8-bit bytes with only eight falling clock edges occurring in
the transmit cycle. Data is transmitted MSB first. In order to
load data to the AD5300, PC7 is left low after the first eight bits
are transferred, and a second serial write operation is performed
to the DAC and PC7 is taken high at the end of this procedure.
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
AD5300*
SCLK
68HC11/68L11*
SCK
MOSI
PC7
Figure 26. AD5300 to 68HC11/68L11 Interface
AD5300 to 80C51/80L51 Interface
Figure 27 shows a serial interface between the AD5300 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows: TXD of the 80C51/80L51 drives SCLK of the AD5300,
while RXD drives the serial data line of the part. The
SYNC
signal is again derived from a bit programmable pin on the port.
In this case, port line P3.3 is used. When data is to be transmitted
to the AD5300, P3.3 is taken low. The 80C51/80L51 transmits
data only in 8-bit bytes; thus, only eight falling clock edges
occur in the transmit cycle. To load data to the DAC, P3.3 is
left low after the first eight bits are transmitted, and a second write
cycle is initiated to transmit the second byte of data. P3.3 is taken
high following the completion of this cycle. The 80C51/80L51
outputs the serial data in a format that has the LSB first. The
AD5300 requires its data with the MSB as the first bit received.
The 80C51/80L51 transmit routine takes this into account.
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
AD5300*
SCLK
80C51/80L51*
TXD
RXD
P3.3
Figure 27. AD5300 to 80C51/80L51 Interface
AD5300 to MICROWIRE Interface
Figure 28 shows an interface between the AD5300 and any
MICROWIRE compatible device. Serial data is shifted out on the
falling edge of the serial clock and is clocked into the AD5300 on
the rising edge of the SK.
D


유사한 부품 번호 - AD5300BRT-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5300BRT-500RL7 AD-AD5300BRT-500RL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

유사한 설명 - AD5300BRT-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com