전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5292BRUZ-20-RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5292BRUZ-20-RL7
상세설명  256-/1024-Position, Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-20-RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5292BRUZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 10Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 11Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 12Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 13Page - Analog Devices AD5292BRUZ-20-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5291/AD5292
Rev. D | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to GND
−0.3 V to +35 V
VSS to GND
+0.3 V to − 25 V
VLOGIC to GND
−0.3 V to + 7 V
VDD to VSS
35 V
VA, VB, VW to GND
VSS − 0.3 V, VDD+ 0.3 V
Digital Input and Output Voltage to GND
−0.3 V to VLOGIC + 0.3 V
EXT_CAP Voltage to GND
−0.3 V to +7 V
IA, IB, IW
Continuous
RAB = 20 kΩ
±3 mA
RAB = 50 kΩ, 100 kΩ
±2mA
Pulsed1
Frequency > 10 kHz
MCC2/d3
Frequency ≤ 10 kHz
MCC2/√d3
Operating Temperature Range4
−40°C to +105°C
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51 and the value is
dependent on the test board and test environment.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Lead TSSOP
931
20
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec to 1 m/sec air flow).
ESD CAUTION
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Maximum continuous current
3 Pulse duty factor.
4 Includes programming of OTP memory.


유사한 부품 번호 - AD5292BRUZ-20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

유사한 설명 - AD5292BRUZ-20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com