전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7226KNZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7226KNZ
상세설명  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7226KNZ 데이터시트(HTML) 4 Page - Analog Devices

  AD7226KNZ Datasheet HTML 1Page - Analog Devices AD7226KNZ Datasheet HTML 2Page - Analog Devices AD7226KNZ Datasheet HTML 3Page - Analog Devices AD7226KNZ Datasheet HTML 4Page - Analog Devices AD7226KNZ Datasheet HTML 5Page - Analog Devices AD7226KNZ Datasheet HTML 6Page - Analog Devices AD7226KNZ Datasheet HTML 7Page - Analog Devices AD7226KNZ Datasheet HTML 8Page - Analog Devices AD7226KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV.
–4–
AD7226
PIN CONFIGURATIONS
DIP and SOIC/SSOP
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD7226
VREF
AGND
DGND
DB7 (MSB)
DB6
A0
A1
WR
DB0(LSB)
DB5
DB4
DB3
DB2
DB1
VSS
VOUTA
VOUTBVOUTC
VOUTD
VDD
PLCC
3
2
1
20
19
9
10
11
12
13
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
V REF
AGND
DGND
DB7 (MSB)
DB8
AD7226
VDD
A0
A1
WR
DB0(LSB)
TERMINOLOGY
TOTAL UNADJUSTED ERROR
This is a comprehensive specification that includes full-scale
error, relative accuracy and zero code error. Maximum output
voltage is VREF – 1 LSB (ideal), where 1 LSB (ideal) is VREF/
256. The LSB size will vary over the VREF range. Hence the zero
code error will, relative to the LSB size, increase as VREF decreases.
Accordingly, the total unadjusted error, which includes the zero
code error, will also vary in terms of LSB’s over the VREF range.
As a result, total unadjusted error is specified for a fixed refer-
ence voltage of 10 V.
RELATIVE ACCURACY
Relative Accuracy or endpoint nonlinearity, is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
allowing for zero and full-scale error and is normally expressed
in LSB’s or as a percentage of full-scale reading.
DIFFERENTIAL NONLINEARITY
Differential Nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB max over
the operating temperature range ensures monotonicity.
DIGITAL CROSSTALK
The glitch impulse transferred to the output of one converter
due to a change in the digital input code to another of the con-
verters. It is specified in nV secs and is measured at VREF = 0 V.
FULL SCALE ERROR
Full-Scale Error is defined as:
Measured Value – Zero Code Error – Ideal Value
4
o
f
1
4
D


유사한 부품 번호 - AD7226KNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

유사한 설명 - AD7226KNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com