전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ABT16245 데이터시트(PDF) 1 Page - Texas Instruments

부품명 54ABT16245
상세설명  54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

54ABT16245 데이터시트(HTML) 1 Page - Texas Instruments

  54ABT16245 Datasheet HTML 1Page - Texas Instruments 54ABT16245 Datasheet HTML 2Page - Texas Instruments 54ABT16245 Datasheet HTML 3Page - Texas Instruments 54ABT16245 Datasheet HTML 4Page - Texas Instruments 54ABT16245 Datasheet HTML 5Page - Texas Instruments 54ABT16245 Datasheet HTML 6Page - Texas Instruments 54ABT16245 Datasheet HTML 7Page - Texas Instruments 54ABT16245 Datasheet HTML 8Page - Texas Instruments 54ABT16245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OBSOLETE
54ABT16245
www.ti.com
SNOS038C – AUGUST 1998 – REVISED APRIL 2013
54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
Check for Samples: 54ABT16245
1
FEATURES
DESCRIPTION
The
'ABT16245
contains
sixteen
non-inverting
2
Bidirectional Non-Inverting Buffers
bidirectional buffers with TRI-STATE outputs and is
Separate Control Logic for Each Byte
intended for bus oriented applications. The device is
16-bit Version of the 'ABT245
byte controlled. Each byte has separate control inputs
which
can
be
shorted
together
for
full
16-bit
A and B Output Sink Capability of 48 mA,
operation. The T/R inputs determine the direction of
Source Capability of 24 mA
data flow through the device. The OE inputs disable
Ensured Latchup Protection
both the A and B ports by placing them in a high
High Impedance Glitch Free Bus Loading
impedance state.
During Entire Power Up and Power Down
Cycle
Non-Destructive Hot Insertion Capability
Standard Microcircuit Drawing (SMD) 5962-
9317501
Logic Symbol
PIN DESCRIPTIONS
Pin Names
Description
OEn
Output Enable Input (Active Low)
T/Rn
Transmit/Receive Input
A0–A15
Side A Inputs/Outputs
B0–B15
Side B Inputs/Outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - 54ABT16245

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245W-QML NSC-54ABT16245W-QML Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
More results

유사한 설명 - 54ABT16245

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com