전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1451A 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TL1451A
상세설명  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL1451A 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL1451A Datasheet HTML 7Page - Texas Instruments TL1451A Datasheet HTML 8Page - Texas Instruments TL1451A Datasheet HTML 9Page - Texas Instruments TL1451A Datasheet HTML 10Page - Texas Instruments TL1451A Datasheet HTML 11Page - Texas Instruments TL1451A Datasheet HTML 12Page - Texas Instruments TL1451A Datasheet HTML 13Page - Texas Instruments TL1451A Datasheet HTML 14Page - Texas Instruments TL1451A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
11
www.ti.com
TYPICAL CHARACTERISTICS
0
–10
– 20
– 30
– 25
0
25
50
10
20
REFERENCE OUTPUT VOLTAGE VARIATION
vs
FREE-AIR TEMPERATURE
30
75
100
VCC = 3.6 V
II(ref) = 1 mA
TA – Free-Air Temperature – °C
0
–10
– 20
– 30
– 25
0
25
50
10
20
REFERENCE OUTPUT VOLTAGE VARIATION
vs
FREE-AIR TEMPERATURE
30
75
100
VCC = 40 V
II(ref) = 1 mA
TA – Free-Air Temperature – °C
Figure 7
Figure 8
1.5
1
0.5
0
0
5
10
15
20
25
2
2.5
REFERENCE OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
3
30
35
40
TA = 25°C
VCC – Supply Voltage – V
0.8
0.7
0.6
– 25
0
25
50
0.9
1
DROPOUT VOLTAGE VARIATION
vs
FREE-TEMPERATURE
1.1
75
100
TA – Free-Air Temperature – °C
II(ref) = 1 mA
Figure 9
Figure 10


유사한 부품 번호 - TL1451A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A TI-TL1451A Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

유사한 설명 - TL1451A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com