전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP275AIDG4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMP275AIDG4
상세설명  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDG4 데이터시트(HTML) 3 Page - Texas Instruments

  TMP275AIDG4 Datasheet HTML 1Page - Texas Instruments TMP275AIDG4 Datasheet HTML 2Page - Texas Instruments TMP275AIDG4 Datasheet HTML 3Page - Texas Instruments TMP275AIDG4 Datasheet HTML 4Page - Texas Instruments TMP275AIDG4 Datasheet HTML 5Page - Texas Instruments TMP275AIDG4 Datasheet HTML 6Page - Texas Instruments TMP275AIDG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
CONDITION
TMP275
UNITS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (Temperature Error)
−20
°C to +100°C, V+ = 3.3V
±0.0625
±0.5
°C
0
°C to +100°C, V+ = 3.0V to 3.6V
±0.0625
±0.75
°C
−40
°C to +125°C, V+ = 3.0V to 3.6V
±0.0625
±1
°C
+25
°C to +100°C, V+ = 3.3V to 5.5V
0.2
±1.5
°C
Resolution(1)
Selectable
+0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
3
pF
Input Logic Levels:
VIH
0.7(V+)
6.0
V
VIL
−0.5
0.3(V+)
V
Leakage Input Current, IIN
0V
≤ VIN ≤ 6V
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
500
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
ms
10-Bit
55
75
ms
11-Bit
110
150
ms
12-Bit
220
300
ms
Timeout Time
25
54
74
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
µA
Serial Bus Active, SCL Freq = 3.4MHz
410
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
µA
Serial Bus Active, SCL Freq = 3.4MHz
380
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Thermal Resistance
qJA
MSOP-8
250
°C/W
SO-8
150
°C/W
(1) Specified for 12-bit resolution.


유사한 부품 번호 - TMP275AIDG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKT BURR-BROWN-TMP275AIDGKT Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKTG4 BURR-BROWN-TMP275AIDGKTG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

유사한 설명 - TMP275AIDG4

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com