전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3123D2PWP 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3123D2PWP
상세설명  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3123D2PWP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3123D2PWP Datasheet HTML 6Page - Texas Instruments TPA3123D2PWP Datasheet HTML 7Page - Texas Instruments TPA3123D2PWP Datasheet HTML 8Page - Texas Instruments TPA3123D2PWP Datasheet HTML 9Page - Texas Instruments TPA3123D2PWP Datasheet HTML 10Page - Texas Instruments TPA3123D2PWP Datasheet HTML 11Page - Texas Instruments TPA3123D2PWP Datasheet HTML 12Page - Texas Instruments TPA3123D2PWP Datasheet HTML 13Page - Texas Instruments TPA3123D2PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
f − Frequency − Hz
20
100
1k
10k
0.1
10
20k
1
0.01
0.001
V
=24V
R =8
(BTL)
Gain=20dB
CC
L
W
P
=20W
O
P
=1W
O
P
=5W
O
R =8
(BTL)
Gain=20dB
L
W
P
− OutputPower − W
O
10m
100m
1
10
1
40
10
0.01
0.1
V
=12V
CC
V
=24V
CC
V
=18V
CC
-200
400
-100
0
100
200
300
-30
30
-20
-10
0
10
20
20
200k
100
1k
10k
f-Frequency-Hz
Phase
Gain
V
=24V,
R =8
(BTL),
Gain=20dB,
L
=33 H,
C
=1 F
CC
L
filt
filt
W
m
m
V
− SupplyVoltage − V
SS
16
26
40
30
55
0
65
15
THD=10%
THD=1%
R =8
(BTL)
Gain=20dB
L
W
20
30
10
25
35
45
60
50
12
10
14
18
20
22
24
28
5
TPA3123D2
SLOS541C – JULY 2007 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 17.
Figure 18.
GAIN/PHASE
OUTPUT POWER
vs
vs
FREQUENCY
SUPPLY VOLTAGE
A. Dashed line represents thermally limited region.
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3123D2


유사한 부품 번호 - TPA3123D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3123D2PWP TI-TPA3123D2PWP Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3123D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com