전자부품 데이터시트 검색엔진 |
|
SN74ALVCH16827DGGR 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74ALVCH16827DGGR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 14 page www.ti.com OPERATING CHARACTERISTICS SN74ALVCH16827 20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES041D – JULY 1995 – REVISED SEPTEMBER 2004 T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP Outputs enabled (1) 16 18 Power dissipation Cpd CL = 50 pF, f = 10 MHz pF capacitance Outputs disabled (1) 4 6 (1) This information was not available at the time of publication. 5 |
유사한 부품 번호 - SN74ALVCH16827DGGR |
|
유사한 설명 - SN74ALVCH16827DGGR |