전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA741MJ 데이터시트(PDF) 10 Page - Texas Instruments

부품명 UA741MJ
상세설명  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA741MJ 데이터시트(HTML) 10 Page - Texas Instruments

Back Button UA741MJ Datasheet HTML 6Page - Texas Instruments UA741MJ Datasheet HTML 7Page - Texas Instruments UA741MJ Datasheet HTML 8Page - Texas Instruments UA741MJ Datasheet HTML 9Page - Texas Instruments UA741MJ Datasheet HTML 10Page - Texas Instruments UA741MJ Datasheet HTML 11Page - Texas Instruments UA741MJ Datasheet HTML 12Page - Texas Instruments UA741MJ Datasheet HTML 13Page - Texas Instruments UA741MJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
f – Frequency – Hz
10k
1M
100M
100
1
0
10
20
30
40
50
60
70
80
90
100
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC+ = 15 V
VCC– = –15 V
BS = 10 kΩ
TA = 25°C
Figure 9
10%
tr
2.5
2
1.5
1
0.5
0
28
24
20
16
12
8
4
0
t – Time
− µs
–4
OUTPUT VOLTAGE
vs
ELAPSED TIME
90%
VCC+ = 15 V
VCC– = –15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
8
6
4
2
0
–2
–4
–6
90
80
70
60
50
40
30
20
10
0
t – Time –
µs
–8
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VO
VI
VCC+ = 15 V
VCC– = –15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
Figure 10


유사한 부품 번호 - UA741MJ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741MJ STMICROELECTRONICS-UA741MJ Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Texas Instruments
UA741MJ TI-UA741MJ Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI-UA741MJ Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI1-UA741MJ Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
UA741MJB TI-UA741MJB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - UA741MJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com