전자부품 데이터시트 검색엔진 |
|
SN74HC158NSRG4 데이터시트(PDF) 5 Page - Texas Instruments |
|
SN74HC158NSRG4 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 16 page SN54HC158, SN74HC158 QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS SCLS296D − JANUARY 1996 − REVISED OCTOBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC158 SN74HC158 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 81 190 290 235 A or B Y 4.5 V 23 38 58 47 A or B Y 6 V 18 33 49 41 2 V 81 210 320 260 tpd A/B Y 4.5 V 23 42 64 52 ns tpd A/B Y 6 V 18 36 54 45 ns 2 V 91 190 290 235 G Y 4.5 V 24 38 58 47 G Y 6 V 18 33 49 41 2 V 45 210 315 265 tt Y 4.5 V 17 42 63 53 ns tt Y 6 V 13 36 53 45 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load 40 pF PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL (see Note A) LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 1. Load Circuit and Voltage Waveforms PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74HC158NSRG4 |