전자부품 데이터시트 검색엔진 |
|
CD74HC04MT 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
CD74HC04MT 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 17 page 1 Data sheet acquired from Harris Semiconductor SCHS117E Features • Buffered Inputs • Typical Propagation Delay: 6ns at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2-V to 6-V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5-V to 5.5-V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The CD54HC04, CD54HCT04, CD74HC04 and CD74HCT04 logic gates utilize silicon-gate CMOS technology to achieve operating speeds similar to LSTTL gates, with the low power consumption of standard CMOS integrated circuits. All devices have the ability to drive 10 LSTTL loads. The 74HCT logic family functionally is pin compatible with the standard 74LS logic family. Pinout CD54HC04, CD54HCT04 (CERDIP) CD74HC04 (PDIP, SOIC) CD74HCT04 (PDIP, SOIC, TSSOP) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC04F3A -55 to 125 14 Ld CERDIP CD54HCT04F3A -55 to 125 14 Ld CERDIP CD74HC04E -55 to 125 14 Ld PDIP CD74HC04M -55 to 125 14 Ld SOIC CD74HC04MT -55 to 125 14 Ld SOIC CD74HC04M96 -55 to 125 14 Ld SOIC CD74HCT04E -55 to 125 14 Ld PDIP CD74HCT04M -55 to 125 14 Ld SOIC CD74HCT04MT -55 to 125 14 Ld SOIC CD74HCT04M96 -55 to 125 14 Ld SOIC CD74HCT04PWR -55 to 125 14 Ld TSSOP NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 August 1997 - Revised June 2004 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2004, Texas Instruments Incorporated CD54HC04, CD74HC04, CD54HCT04, CD74HCT04 High-Speed CMOS Logic Hex Inverter [ /Title (CD54H C04, CD54H CT04, CD74H C04, CD74H CT04) /Subject (High Speed |
유사한 부품 번호 - CD74HC04MT |
|
유사한 설명 - CD74HC04MT |