전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT04M96 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT04M96
상세설명  High-Speed CMOS Logic Hex Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT04M96 데이터시트(HTML) 2 Page - Texas Instruments

  CD74HCT04M96 Datasheet HTML 1Page - Texas Instruments CD74HCT04M96 Datasheet HTML 2Page - Texas Instruments CD74HCT04M96 Datasheet HTML 3Page - Texas Instruments CD74HCT04M96 Datasheet HTML 4Page - Texas Instruments CD74HCT04M96 Datasheet HTML 5Page - Texas Instruments CD74HCT04M96 Datasheet HTML 6Page - Texas Instruments CD74HCT04M96 Datasheet HTML 7Page - Texas Instruments CD74HCT04M96 Datasheet HTML 8Page - Texas Instruments CD74HCT04M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
INPUTS
nA
nY
LH
HL
H = High Voltage Level, L = Low Voltage Level
1A
1Y
2Y
3A
3Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
5A
4Y
5Y
6Y
6A
10
8
7
9
4A
2A
nA
nY
CD54HC04, CD74HC04, CD54HCT04, CD74HCT04


유사한 부품 번호 - CD74HCT04M96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT04M TI-CD74HCT04M Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
More results

유사한 설명 - CD74HCT04M96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com