전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2663M 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2663M
상세설명  LM2662/LM2663 Switched Capacitor Voltage Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2663M 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM2663M Datasheet HTML 3Page - Texas Instruments LM2663M Datasheet HTML 4Page - Texas Instruments LM2663M Datasheet HTML 5Page - Texas Instruments LM2663M Datasheet HTML 6Page - Texas Instruments LM2663M Datasheet HTML 7Page - Texas Instruments LM2663M Datasheet HTML 8Page - Texas Instruments LM2663M Datasheet HTML 9Page - Texas Instruments LM2663M Datasheet HTML 10Page - Texas Instruments LM2663M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM2662, LM2663
www.ti.com
SNVS002D – JANUARY 1999 – REVISED MAY 2013
Pin Descriptions
Pin
Name
Function
Voltage Inverter
Voltage Doubler
1
FC
Frequency control for internal oscillator:
Same as inverter.
(LM2662)
FC = open, fOSC = 20 kHz (typ);
FC = V+, fOSC = 150 kHz (typ);
FC has no effect when OSC pin is driven externally.
1
SD
Shutdown control pin, tie this pin to the ground in normal
Same as inverter.
(LM2663)
operation.
2
CAP+
Connect this pin to the positive terminal of charge-pump
Same as inverter.
capacitor.
3
GND
Power supply ground input.
Power supply positive voltage input.
4
CAP
Connect this pin to the negative terminal of charge-pump
Same as inverter.
capacitor.
5
OUT
Negative voltage output.
Power supply ground input.
6
LV
Low-voltage operation input. Tie LV to GND when input
LV must be tied to OUT.
voltage is less than 3.5V. Above 3.5V, LV can be
connected to GND or left open. When driving OSC with
an external clock, LV must be connected to GND.
7
OSC
Oscillator control input. OSC is connected to an internal
Same as inverter except that OSC cannot be driven by
15 pF capacitor. An external capacitor can be connected
an external clock.
to slow the oscillator. Also, an external clock can be used
to drive OSC.
8
V+
Power supply positive voltage input.
Positive voltage output.
Circuit Description
The LM2662/LM2663 contains four large CMOS switches which are switched in a sequence to invert the input
supply voltage. Energy transfer and storage are provided by external capacitors. Figure 18 illustrates the voltage
conversion scheme. When S1 and S3 are closed, C1 charges to the supply voltage V+. During this time interval
switches S2 and S4 are open. In the second time interval, S1 and S3 are open and S2 and S4 are closed, C1 is
charging C2. After a number of cycles, the voltage across C2 will be pumped to V+. Since the anode of C2 is
connected to ground, the output at the cathode of C2 equals −(V+) assuming no load on C2, no loss in the
switches, and no ESR in the capacitors. In reality, the charge transfer efficiency depends on the switching
frequency, the on-resistance of the switches, and the ESR of the capacitors.
Figure 18. Voltage Inverting Principle
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2662 LM2663


유사한 부품 번호 - LM2663M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2663M NSC-LM2663M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2663M TI-LM2663M Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663M/NOPB TI-LM2663M/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663MX TI-LM2663MX Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663MX/NOPB TI-LM2663MX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
More results

유사한 설명 - LM2663M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com