전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QVE00832 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 QVE00832
상세설명  PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00832 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  QVE00832 Datasheet HTML 1Page - Fairchild Semiconductor QVE00832 Datasheet HTML 2Page - Fairchild Semiconductor QVE00832 Datasheet HTML 3Page - Fairchild Semiconductor QVE00832 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL / OPTICAL CHARACTERISTICS (TA = 25°C )
0
0
10
20
30
40
50
60
70
80
90
100
110
0.1
0.2
0.3
Distance (mm)
Distance (mm)
0.4
0.5
0.6
TA = 25˚C
IF = 20 mA
VCE = 10 V
TA = 25˚C
IF = 20 mA
VCE = 10 V
0
0
10
20
30
40
50
60
70
80
90
100
110
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
123456789
10
11
12
TA = 25˚C
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
-50
-25
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.9
Temp(C)
VCE (V)
25
50
75
100
IF = 10 mA, IC = 0.05 mA
IF = 30 mA, IC = 0.15 mA
Normalized to
IF = 20 mA, IC = 0.1 mA, TA = 25˚C
IF = 20 mA, IC = 0.1 mA
Fig. 1 Collector Current vs. Shield distance
Fig. 2 Collector Current vs. Shield distance
Fig. 3 Collector-Emitter Voltage vs. Collector Current
Fig. 4 Collector-Emitter Voltage vs. Temperature
0
0
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
EMITTER
Forward Voltage
IF = 20 mA
VF
—1.2
1.5
V
Reverse Current
VR = 4 V
IR
——
10
µA
Peak Emission Wavelength
IF = 20 mA
PE
940
nm
SENSOR
Dark Current
VCE = 10 V, IF = 0 mA
ID
200
nA
COUPLED
Collector Current
IF = 20 mA, VCE = 10 V
IC(ON)
0.5
14
mA
Collector Emitter
IF = 20 mA, IC =0.1 mA
VCE (SAT)
——
0.4
V
Saturation Voltage
Rise Time
VCC = 5 V, RL = 100
tr
—4—
µs
Fall Time
IC = 5 mA
tf
—4—
µs
TYPICAL PERFORMANCE CURVES
www.fairchildsemi.com
2 OF 4
1/3/02
DS300257
PHOTOTRANSISTOR OPTICAL
INTERRUPTER SWITCH
QVE00832


유사한 부품 번호 - QVE00832

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
More results

유사한 설명 - QVE00832

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00039 FAIRCHILD-QVE00039 Datasheet
116Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com