전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5237B 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 1N5237B
상세설명  Small Signal Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5237B 데이터시트(HTML) 2 Page - Vishay Siliconix

  1N5237B Datasheet HTML 1Page - Vishay Siliconix 1N5237B Datasheet HTML 2Page - Vishay Siliconix 1N5237B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
1N5221B to 1N5267B
Vishay Semiconductors
Electrical Characteristics
1N5221B...1N5267B
Partnumber
Nominal Zener
Voltage1)
Test Current
Maximum
Dynamic
Impedance1)
Maximum
Dynamic
Impedance
Typical
Temperature of
Coeffizient
Maximum Reverse Leakage
Current
at IZT, VZ
IZT
ZZT at IZT
ZZK at IZK =
0.25 mA
at IZT
IR
VR
V
mA
Ω
Ω
α (%/K)
µA
V
1N5221B
2.4
20
30
1200
- 0.085
100
1
1N5222B
2.5
20
30
1250
- 0.085
100
1
1N5223B
2.7
20
30
1300
- 0.080
75
1
1N5224B
2.8
20
30
1400
- 0.080
75
1
1N5225B
3
20
29
1600
- 0.075
50
1
1N5226B
3.3
20
28
1600
- 0.070
25
1
1N5227B
3.6
20
24
1700
- 0.065
15
1
1N5228B
3.9
20
23
1900
- 0.060
10
1
1N5229B
4.3
20
22
2000
+ 0.055
5
1
1N5230B
4.7
20
19
1900
+ 0.030
5
2
1N5231B
5.1
20
17
1600
+ 0.030
5
2
1N5232B
5.6
20
11
1600
+ 0.038
5
3
1N5233B
6
20
7
1600
+ 0.038
5
3.5
1N5234B
6.2
20
7
1000
+ 0.045
5
4
1N5235B
6.8
20
5
750
+ 0.050
3
5
1N5236B
7.5
20
6
500
+ 0.058
3
6
1N5237B
8.2
20
8
500
+ 0.062
3
6.5
1N5238B
8.7
20
8
600
+ 0.065
3
6.5
1N5239B
9.1
20
10
600
+ 0.068
3
7
1N5240B
10
20
17
600
+ 0.075
3
8
1N5241B
11
20
22
600
+ 0.076
2
8.4
1N5242B
12
20
30
600
+ 0.077
1
9.1
1N5243B
13
9.5
13
600
+ 0.079
0.5
9.9
1N5244B
14
9
15
600
+ 0.082
0.1
10
1N5245B
15
8.5
16
600
+ 0.082
0.1
11
1N5246B
16
7.8
17
600
+ 0.083
0.1
12
1N5247B
17
7.4
19
600
+ 0.084
0.1
13
1N5248B
18
7
21
600
+ 0.085
0.1
14
1N5249B
19
6.6
23
600
+ 0.086
0.1
14
1N5250B
20
6.2
25
600
+ 0.086
0.1
15
1N5251B
22
5.6
29
600
+ 0.087
0.1
17
1N5252B
24
5.2
33
600
+ 0.088
0.1
18
1N5253B
25
5
35
600
+ 0.089
0.1
19
1N5254B
27
4.6
41
600
+ 0.090
0.1
21
1N5255B
28
4.5
44
600
+ 0.091
0.1
21
1N5256B
30
4.2
49
600
+ 0.091
0.1
23
1N5257B
33
3.8
58
700
+ 0.092
0.1
25
1N5258B
36
3.4
70
700
+ 0.093
0.1
27
1N5259B
39
3.2
80
800
+ 0.094
0.1
30
1N5260B
43
3
93
900
+ 0.095
0.1
33
1N5261B
47
2.7
105
1000
+ 0.095
0.1
36
1N5262B
51
2.5
125
1100
+ 0.096
0.1
39
1N5263B
56
2.2
150
1300
+ 0.096
0.1
43
1N5264B
60
2.1
170
1400
+ 0.097
0.1
46


유사한 부품 번호 - 1N5237B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5237B VISHAY-1N5237B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5237B MCC-1N5237B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5237B TGS-1N5237B Datasheet
264Kb / 3P
   Zener diode
logo
Tak Cheong Electronics ...
1N5237B TAK_CHEONG-1N5237B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5237B YEASHIN-1N5237B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5237B

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com