전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF966SB 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 BF966SB
상세설명  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF966SB 데이터시트(HTML) 5 Page - Vishay Siliconix

  BF966SB Datasheet HTML 1Page - Vishay Siliconix BF966SB Datasheet HTML 2Page - Vishay Siliconix BF966SB Datasheet HTML 3Page - Vishay Siliconix BF966SB Datasheet HTML 4Page - Vishay Siliconix BF966SB Datasheet HTML 5Page - Vishay Siliconix BF966SB Datasheet HTML 6Page - Vishay Siliconix BF966SB Datasheet HTML 7Page - Vishay Siliconix BF966SB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF966S
Document Number 85004
Rev. 1.5, 15-Apr-05
Vishay Semiconductors
www.vishay.com
5
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V, Z0 = 50 Ω
S11
S21
S12
S22
Figure 14. Input Reflection Coefficient
Figure 15. Forward Transmission Coefficient
12924
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
ı
0.2
0.5
1
2
5
1300 MHz
400
700
1000
100
12926
90°
180°
–90 °
0.8
1.6
–150 °
–120°
–60°
–30
120 °
150 °
60 °
30 °
1300 MHz
400
700
1000
100
°
I = 20 mA
D
I = 10 mA
D
I =5mA
D
Figure 16. Reverse Transmission Coefficient
Figure 17. Output Reflection Coefficient
12925
90 °
180 °
–90 °
0.008 0.016
–150 °
–120 °
–60 °
–30 °
120 °
150 °
60 °
30 °
1300 MHz
400
100
1000
I = 20 mA
D
I = 10 mA
D
I =5mA
D
12927
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
ı
0.2
0.5
1
2
5
1300 MHz
700
100


유사한 부품 번호 - BF966SB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
More results

유사한 설명 - BF966SB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com