전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7874AN 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7874AN
상세설명  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7874AN 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7874AN Datasheet HTML 4Page - Analog Devices AD7874AN Datasheet HTML 5Page - Analog Devices AD7874AN Datasheet HTML 6Page - Analog Devices AD7874AN Datasheet HTML 7Page - Analog Devices AD7874AN Datasheet HTML 8Page - Analog Devices AD7874AN Datasheet HTML 9Page - Analog Devices AD7874AN Datasheet HTML 10Page - Analog Devices AD7874AN Datasheet HTML 11Page - Analog Devices AD7874AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7874
REV. C
–8–
The first read operation to the AD7874 after conversion always
accesses data from Data Register 1 (i.e., the conversion result
from the VIN1 input). INT is reset high on the falling edge of
RD
during this first read operation. The second read always ac-
cesses data from Data Register 2 and so on. The address pointer
is reset to point to Data Register 1 on the rising edge of
CONVST
. A read operation to the AD7874 should not be at-
tempted during conversion. The timing diagram for the
AD7874 conversion sequence is shown in Figure 7.
CH1
DATA
CH2
DATA
CH3
DATA
CH4
DATA
DATA
INT
CS
RD
CONVST
HIGH-IMPEDANCE
TRACK/HOLDS GO
INTO HOLD
HIGH-
Z
HIGH-Z
t
1
t
CONV
t
ACQUISITION
t
5
t
2
t
8
t
4
t
3
t
7
t
6
HIGH-
Z
HIGH-
Z
TIMES
t
2, t3, t4, t6, t7, AND t8 ARE THE SAME FOR ALL FOUR READ OPERATIONS.
Figure 7. AD7874 Timing Diagram
AD7874 DYNAMIC SPECIFICATIONS
The AD7874 is specified and 100% tested for dynamic perfor-
mance specifications as well as traditional dc specifications such
as Integral and Differential Nonlinearity. These ac specifications
are required for the signal processing applications such as
phased array sonar, adaptive filters and spectrum analysis.
These applications require information on the ADC’s effect on
the spectral content of the input signal. Hence, the parameters
for which the AD7874 is specified include SNR, harmonic dis-
tortion, intermodulation distortion and peak harmonics. These
terms are discussed in more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal to noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fs/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal to noise ratio for a sine wave input
is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits.
Thus for an ideal 12-bit converter, SNR = 74 dB.
The output spectrum from the ADC is evaluated by applying a
sine wave signal of very low distortion to the VIN input which is
sampled at a 29 kHz sampling rate. A Fast Fourier Transform
(FFT) plot is generated from which the SNR data can be ob-
tained. Figure 8 shows a typical 2048 point FFT plot of the
AD7874BN with an input signal of 10 kHz and a sampling
frequency of 29 kHz. The SNR obtained from this graph is
73.2 dB. It should be noted that the harmonics are taken into
account when calculating the SNR.
Figure 8. AD7874 FFT Plot
Effective Number of Bits
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
get a measure of performance expressed in effective number of
bits (N).
N
= SNR −1.76
6.02
(2)
The effective number of bits for a device can be calculated di-
rectly from its measured SNR.
Figure 9 shows a typical plot of effective number of bits versus
frequency for an AD7874BN with a sampling frequency of
29 kHz. The effective number of bits typically falls between
11.75 and 11.87 corresponding to SNR figures of 72.5 dB and
73.2 dB.
z
Figure 9. Effective Numbers of Bits vs. Frequency


유사한 부품 번호 - AD7874AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7874AN AD-AD7874AN Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

유사한 설명 - AD7874AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com