전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7874BQ 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD7874BQ
상세설명  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7874BQ 데이터시트(HTML) 2 Page - Analog Devices

  AD7874BQ Datasheet HTML 1Page - Analog Devices AD7874BQ Datasheet HTML 2Page - Analog Devices AD7874BQ Datasheet HTML 3Page - Analog Devices AD7874BQ Datasheet HTML 4Page - Analog Devices AD7874BQ Datasheet HTML 5Page - Analog Devices AD7874BQ Datasheet HTML 6Page - Analog Devices AD7874BQ Datasheet HTML 7Page - Analog Devices AD7874BQ Datasheet HTML 8Page - Analog Devices AD7874BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
AD7874–SPECIFICATIONS
(VDD = +5 V, VSS = –5 V, AGND = DGND = 0 V, REF IN = +3 V, fCLK = 2.5 MHz
external. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
A Version B Version S Version
Units
Test Conditions/Comments
SAMPLE-AND-HOLD
Acquisition Time
2 to 0.01%
2
2
2
µs max
Droop Rate
2, 3
1
1
2
mV/ms max
–3 dB Small Signal Bandwidth3
500
500
500
kHz typ
VIN = 500 mV p-p
Aperture Delay
2
0
0
0
ns min
40
40
40
ns max
Aperture Jitter
2, 3
200
200
200
ps typ
Aperture Delay Matching
2
4
4
4
ns max
SAMPLE-AND-HOLD AND ADC
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
70
71
70
dB min
fIN = 10 kHz Sine Wave, fSAMPLE = 29 kHz
Total Harmonic Distortion
–78
–80
–78
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 29 kHz
Peak Harmonic or Spurious Noise
–78
–80
–78
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 29 kHz
Intermodulation Distortion
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 29 kHz
2nd Order Terms
–80
–80
–80
dB max
3rd Order Terms
–80
–80
–80
dB max
Channel-to-Channel Isolation
2
–80
–80
–80
dB max
DC ACCURACY
Resolution
12
12
12
Bits
Relative Accuracy
±1
±1/2
±1
LSB max
Differential Nonlinearity
±1
±1
±1
LSB max
No Missing Codes Guaranteed
Positive Full-Scale Error
4
±5
±5
±5
LSB max
Any Channel
Negative Full-Scale Error
4
±5
±5
±5
LSB max
Any Channel
Full-Scale Error Match
5
5
5
LSB max
Between Channels
Bipolar Zero Error
±5
±5
±5
LSB max
Any Channel
Bipolar Zero Error Match
4
4
4
LSB max
Between Channels
ANALOG INPUTS
Input Voltage Range
±10
±10
±10
Volts
Input Current
±600
±600
±600
µA max
REFERENCE OUTPUTS
REF OUT
333V nom
REF OUT Error @ +25
°C
±0.33
±0.33
±0.33
% max
TMIN to TMAX
±1
±1
±1
% max
REF OUT Temperature Coefficient
±35
±35
±35
ppm/
°C typ
Reference Load Change
±1
±1
±2
mV max
Reference Load Current Change (0–500
µA)
Reference Load Should Not Be Changed During Conversion
REFERENCE INPUT
Input Voltage Range
2.85/3.15
2.85/3.15
2.85/3.15
V min/V max 3 V
± 5%
Input Current
±1
±1
±1
µA max
Input Capacitance
3
10
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
3
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
VDD = 5 V ± 5%; ISOURCE = 40 µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
VDD = 5 V ± 5%; ISINK = 1–6 mA
DB0–DB11
Floating-State Leakage Current
±10
±10
±10
µA max
VIN = 0 V to VDD
Floating-State Output Capacitance 10
10
10
pF max
Output Coding
2s COMPLEMENT
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
–5
V nom
±5% for Specified Performance
IDD
18
18
18
mA max
CS
= RD = CONVST = +5 V; Typically 12 mA
ISS
12
12
12
mA max
CS
= RD = CONVST = +5 V; Typically 8 mA
Power Dissipation
150
150
150
mW max
CS
= RD = CONVST = +5 V; Typically 100 mW
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C; S Version: –55°C to +125°C.
2See Terminology.
3Sample tested @ +25
°C to ensure compliance.
4Measured with respect to the REF IN voltage and includes bipolar offset error.
5For capacitive loads greater than 50 pF a series resistor is required.
Specifications subject to change without notice.


유사한 부품 번호 - AD7874BQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7874BQ AD-AD7874BQ Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BQ AD-AD7874BQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BQ AD-AD7874BQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

유사한 설명 - AD7874BQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com