전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5323BRU-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5323BRU-REEL7
상세설명  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5323BRU-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5323BRU-REEL7 Datasheet HTML 2Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 3Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD5323BRU-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 6 of 28
AC CHARACTERISTICS1
VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A, B Version3
Parameter2
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5303
6
8
μs
¼ scale to ¾ scale change (0x40 to 0xc0)
AD5313
7
9
μs
¼ scale to ¾ scale change (0x100 to 0x300)
AD5323
8
10
μs
¼ scale to ¾ scale change (0x400 to 0xc00)
Slew Rate
0.7
V/μs
Major-Code Transition Glitch Energy
12
nV-s
1 LSB change around major carry
(011 . . . 11 to 100 . . . 00)
Digital Feedthrough
0.10
nV-s
Analog Crosstalk
0.01
nV-s
DAC-to-DAC Crosstalk
0.01
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p, unbuffered mode
Total Harmonic Distortion
−70
dB
VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz
1 Guaranteed by design and characterization, not production tested.
2 See the Terminology section.
3 Temperature range for Version A and Version B: −40°C to +105°C.
TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Limit at TMIN, TMAX
Parameter1, 2, 3
(A, B Version)
Unit
Conditions/Comments
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
0
ns min
SYNC to SCLK rising edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
100
ns min
Minimum SYNC high time
t9
20
ns min
LDAC pulse width
t10
20
ns min
SCLK falling edge to LDAC rising edge
t11
20
ns min
CLR pulse width
t124, 5
5
ns min
SCLK falling edge to SDO invalid
t134, 5
20
ns max
SCLK falling edge to SDO valid
t145
0
ns min
SCLK falling edge to SYNC rising edge
t155
10
ns min
SYNC rising edge to SCLK rising edge
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
3 See Figure 4 and Figure 5.
4 These are measured with the load circuit of Figure 4.
5 Daisy-chain mode only (see Figure 47).


유사한 부품 번호 - AD5323BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5323BRU AD-AD5323BRU Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results

유사한 설명 - AD5323BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322 AD-AD5322_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5303 AD-AD5303_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5303 AD-AD5303 Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com