전자부품 데이터시트 검색엔진 |
|
ADR1581ARTZ-REEL71 데이터시트(PDF) 3 Page - Analog Devices |
|
ADR1581ARTZ-REEL71 데이터시트(HTML) 3 Page - Analog Devices |
3 / 12 page ADR1581 Rev. 0 | Page 3 of 12 SPECIFICATIONS TA = 25°C, IIN = 100 μA, unless otherwise noted. Table 1. ADR1581A ADR1581B Parameter Min Typ Max Min Typ Max Unit REVERSE VOLTAGE OUTPUT (SOT-23) 1.240 1.250 1.260 1.2485 1.250 1.2515 V REVERSE VOLTAGE TEMPERATURE DRIFT −40°C to +85°C 100 50 ppm/°C MINIMUM OPERATING CURRENT, TMIN to TMAX 60 60 μA REVERSE VOLTAGE CHANGE WITH REVERSE CURRENT 60 μA < IIN < 10 mA, TMIN to TMAX 2.5 6 2.5 6 mV 60 μA < IIN < 1 mA, TMIN to TMAX 0.8 0.8 mV DYNAMIC OUTPUT IMPEDANCE (∆VR/ΔIR) IIN = 1 mA ± 100 μA (f = 120 Hz) 0.4 1 0.4 0.5 Ω OUTPUT NOISE RMS Noise Voltage: 10 Hz to 10 kHz 20 20 μV rms Low Frequency Noise Voltage: 0.1 Hz to 10 Hz 4.5 4.5 μV p-p TURN-ON SETTLING TIME TO 0.1%1 5 5 μs OUTPUT VOLTAGE HYSTERESIS2 80 80 μV TEMPERATURE RANGE Specified Performance, TMIN to TMAX −40 +85 −40 +85 °C Operating Range3 −55 +125 −55 +125 °C 1 Measured with a no load capacitor. 2 Output hysteresis is defined as the change in the +25°C output voltage after a temperature excursion to −40°C, then to +85°C, and back to +25°C. 3 The operating temperature range is defined as the temperature extremes at which the device continues to function. Parts may deviate from their specified performance. |
유사한 부품 번호 - ADR1581ARTZ-REEL71 |
|
유사한 설명 - ADR1581ARTZ-REEL71 |