전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14526BCPG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC14526BCPG
상세설명  Presettable 4-Bit Down Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14526BCPG 데이터시트(HTML) 5 Page - ON Semiconductor

  MC14526BCPG Datasheet HTML 1Page - ON Semiconductor MC14526BCPG Datasheet HTML 2Page - ON Semiconductor MC14526BCPG Datasheet HTML 3Page - ON Semiconductor MC14526BCPG Datasheet HTML 4Page - ON Semiconductor MC14526BCPG Datasheet HTML 5Page - ON Semiconductor MC14526BCPG Datasheet HTML 6Page - ON Semiconductor MC14526BCPG Datasheet HTML 7Page - ON Semiconductor MC14526BCPG Datasheet HTML 8Page - ON Semiconductor MC14526BCPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC14526B
http://onsemi.com
5
Figure 1. Typical Output Source
Characteristics Test Circuit
Figure 2. Typical Output Sink
Characteristics Test Circuit
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD = -VGS
VOH
IOH
EXTERNAL
POWER
SUPPLY
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD = VGS
VOL
IOL
EXTERNAL
POWER
SUPPLY
Figure 3. Power Dissipation
Figure 4. Test Circuit
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD
CL
CL
CL
CL
CL
PULSE
GENERATOR
20 ns
20 ns
CLOCK
90%
10%
50%
VARIABLE
WIDTH
50% DUTY CYCLE
VSS
VDD
DEVICE
UNDER
TEST
TEST POINT
Q or “0”
CL*
*Includes all probe and jig capacitance.


유사한 부품 번호 - MC14526BCPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14526BCP ONSEMI-MC14526BCP Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14526BCP MOTOROLA-MC14526BCP Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
More results

유사한 설명 - MC14526BCPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com