전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9266BCPZRL7-80 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9266BCPZRL7-80
상세설명  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9266BCPZRL7-80 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9266BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 9Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 10Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 11Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 12Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 13Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 14Page - Analog Devices AD9266BCPZRL7-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AD9266-80
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
9.7MHz @ –1dBFS
SNR = 76.8dB (77.8dBFS)
SFDR = 94.3dBc
Figure 4. AD9266-80 Single-Tone FFT with fIN = 9.7 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
69MHz @ –1dBFS
SNR = 75.1dB (76.1dBFS)
SFDR = 89.5dBc
Figure 5. AD9266-80 Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–90
–75
–105
–120
–135
4
8
12
16
20
24
28
32
36
FREQUENCY (MHz)
F2 – F1
F1 + F2
2F1 – F2
2F2 + F1
2F1 + F2
2F2 – F1
80MSPS
28.3MHz @ –7dBFS
30.6MHz @ –7dBFS
SFDR = 89.5dBc (96.5dBFS)
Figure 6. AD9266-80 Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
30.6MHz @ –1dBFS
SNR = 76.5dB (77.5dBFS)
SFDR = 85.7dBc
Figure 7. AD9266-80 Single-Tone FFT with fIN = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
210MHz @ –1dBFS
SNR = 70dB (71dBFS)
SFDR = 79.7dBc
Figure 8. AD9266-80 Single-Tone FFT with fIN = 210 MHz
10
–30
–10
–50
–70
–90
–110
–130
–95
–65
–75
–85
–55
–45
–35
–25
–15
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 9. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 28.3 MHz
and fIN2 = 30.6 MHz


유사한 부품 번호 - AD9266BCPZRL7-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9266BCPZRL7-80 AD-AD9266BCPZRL7-80 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results

유사한 설명 - AD9266BCPZRL7-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com