전자부품 데이터시트 검색엔진 |
|
BF518F 데이터시트(PDF) 4 Page - Analog Devices |
|
BF518F 데이터시트(HTML) 4 Page - Analog Devices |
4 / 68 page Rev. B | Page 4 of 68 | January 2011 ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F For certain instructions, two 16-bit ALU operations can be per- formed simultaneously on register pairs (a 16-bit high half and 16-bit low half of a compute register). If the second ALU is used, quad 16-bit operations are possible. The 40-bit shifter can perform shifts and rotates and is used to support normalization, field extract, and field deposit instructions. The program sequencer controls the flow of instruction execu- tion, including instruction alignment and decoding. For program flow control, the sequencer supports PC relative and indirect conditional jumps (with static branch prediction), and subroutine calls. Hardware is provided to support zero-over- head looping. The architecture is fully interlocked, meaning that the programmer need not manage the pipeline when executing instructions with data dependencies. The address arithmetic unit provides two addresses for simulta- neous dual fetches from memory. It contains a multiported register file consisting of four sets of 32-bit index, modify, length, and base registers (for circular buffering), and eight additional 32-bit pointer registers (for C-style indexed stack manipulation). Blackfin processors support a modified Harvard architecture in combination with a hierarchical memory structure. Level 1 (L1) memories are those that typically operate at the full processor speed with little or no latency. At the L1 level, the instruction memory holds instructions only. The two data memories hold data, and a dedicated scratchpad data memory stores stack and local variable information. In addition, multiple L1 memory blocks are provided, offering a configurable mix of SRAM and cache. The memory manage- ment unit (MMU) provides memory protection for individual tasks that may be operating on the core and can protect system registers from unintended access. The architecture provides three modes of operation: user mode, supervisor mode, and emulation mode. User mode has restricted access to certain system resources, thus providing a protected software environment, while supervisor mode has unrestricted access to the system and core resources. The Blackfin processor instruction set has been optimized so that 16-bit opcodes represent the most frequently used instruc- tions, resulting in excellent compiled code density. Complex DSP instructions are encoded into 32-bit opcodes, representing fully featured multifunction instructions. Blackfin processors support a limited multi-issue capability, where a 32-bit Figure 1. Blackfin Processor Core SEQUENCER ALIGN DECODE LOOP BUFFER 16 16 8 88 8 40 40 A0 A1 BARREL SHIFTER DATA ARITHMETIC UNIT CONTROL UNIT R7.H R6.H R5.H R4.H R3.H R2.H R1.H R0.H R7.L R6.L R5.L R4.L R3.L R2.L R1.L R0.L ASTAT 40 40 32 32 32 32 32 32 32 LD0 LD1 SD DAG0 DAG1 ADDRESS ARITHMETIC UNIT I3 I2 I1 I0 L3 L2 L1 L0 B3 B2 B1 B0 M3 M2 M1 M0 SP FP P5 P4 P3 P2 P1 P0 DA1 DA0 32 32 32 PREG RAB 32 |
유사한 부품 번호 - BF518F |
|
유사한 설명 - BF518F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |